Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
ADP1050
Data Sheet
DUTY CYCLE READING SETTING REGISTERS
Table 148. Register 0xFE58—Duty Cycle Reading Settings
Bits
Bit Name/Function
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
OUTB duty cycle reporting
R/W
1 = READ_DUTY_CYCLE reports OUTB duty cycle value.
2
OUTA duty cycle reporting
R/W
1 = READ_DUTY_CYCLE reports OUTA duty cycle value.
1
Reserved
R/W
Reserved.
0
Polarity setting for input
voltage compensation
R/W
Setting this bit applies an offset on the input voltage reading, READ_VIN, based on the reading
of the input current, READ_IIN. The compensation multipler is set in Register 0xFE59. It is used
to compensate the voltage drop caused by the current conduction.
0 = positive polarity compensation.
1 = negative polarity compensation.
Table 149. Register 0xFE59—Input Voltage Compensation Multiplier
Bits
Bit Name/Function
R/W
Description
[7:0]
Input voltage
compensation multiplier
R/W
These bits specify the multiplier, N, for the input voltage compensation coefficient. The
compensation equation is N × (Register 0xFEA7[15:4] value) ÷ 211, and the result is added to
Register 0xFEAC[15:5]. The compensation polarity is set by Register 0xFE58[0].
OTHER REGISTER SETTINGS
Table 150. Register 0xFE61—Go Commands
Bits
Bit Name/Function
R/W
Description
[7:3]
Reserved
R/W
Reserved.
2
Frequency go
R/W
This bit synchronously latches the contents of Register 0x33 into the shadow registers used to
calculate the switching frequency. Reading of this bit always returns 1.
1
PWM setting go
R/W
This bit synchronously latches the contents of Registers 0xFE3E to Register 0xFE53 into the shadow
registers used to calculate the PWM edge timing. Reading this bit always returns 1.
0
Reserved
R/W
Reserved.
Table 151. Register 0xFE62—Customized Register
Bits
Bit Name/Function
R/W
Description
[7:0]
Customized register
R/W
These bits are available to the user to store customized information.
Table 152. Register 0xFE63—Modulation Reference MSBs Setting for Open-Loop Input Voltage Feedforward Operation
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation
reference setting
MSBs
R/W
This register sets the eight MSBs of the modulation reference in open-loop feedforward operation
mode. The step size of an LSB depends on the switching frequency.
Switching Frequency Range (kHz)
LSB Step Size (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Table 153. Register 0xFE64—Modulation Reference LSBs Setting for Open-Loop Input Voltage Feedforward Operation
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation
reference setting
LSBs
R/W
This register sets the eight LSBs of the modulation reference in open-loop feedforward operation mode.
The step size of an LSB depends on the switching frequency.
Switching Frequency Range (kHz)
LSB Step Size (ps)
49 to 87
312.5
97.5 to 184
156.25
195.5 to 379
78.125
390.5 to 625
39.0625
Rev. A | Page 86 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com