Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Data Sheet
ADP1050
POWER SUPPLY CALIBRATION AND TRIM
All the ADP1050 devices are factory trimmed. If the ADP1050
is not trimmed in the power supply production environment, it
is recommended that components with a 0.1% tolerance be
used for the inputs to the CS1, VS±, VF, and OVP pins to meet
data sheet specifications (see the Specifications section).
In the power supply production environment, the ADP1050 can
calibrate items, such as output voltage and trim, for tolerance
errors that are introduced by sense resistors and resistor dividers,
as well as its own internal circuitry. The ADP1050 allows the
user enough trim capability to trim for external components
with a tolerance of ≤0.5%.
To unlock the trim registers for write access, the user must
perform two consecutive write actions with the correct password
(factory default value = 0xFF), using the TRIM_PASSWORD
command (Register 0xD6). Any read or write action to another
register in this device, occurring between these two write actions,
interrupts the unlocking of the chip password.
The trim registers are Register 0xFE14, Register 0xFE20,
Register 0xFE28, and Register 0xFE2A through Register 0xFE2C.
For complete information about these registers, see the
Manufacturer Specific Extended Commands Descriptions section.
IIN TRIM (CS1 TRIM)
Using a DC Signal
A known dc voltage (Vx) is applied at the CS1 pin. The IIN_
SCALE_MONITOR command (Register 0xD9) is set to 0x0001.
The READ_IIN input current reading command (Register 0x89)
generates a digital code (representing the input current in amperes)
that is equal to the Vx voltage value. The CS1 gain trim register
(Register 0xFE14) is adjusted until the input current reading in
Register 0x89 reads the correct digital code.
Using an AC Signal
A known ac current (Ix) is applied to the PSU input. This current
passes through a current transformer, a diode rectifier, and an
external resistor (RCS1) to convert the current information to a
voltage (Vx). This voltage is fed into the CS1 pin. The IIN_SCALE_
MONITOR is calculated as follows:
IIN_SCALE_MONITOR = (NPRI/NSEC) × RCS1
where NPRI and NSEC are the turns of the primary side and secondary
side windings, respectively, of the current transformer.
The READ_IIN input current reading command generates a digital
code, representing the input current, Ix. The CS1 gain trim register
(Register 0xFE14) is adjusted until the input current reading in
Register 0x89 reads the correct digital code.
VOUT TRIM (VS TRIM)
The voltage sense input at the VS± pins is optimized for sensing
signals at 1 V and cannot sense a signal greater than 1.6 V. It is
recommended that the nominal output voltage be reduced to 1 V
for best performance. The resistor divider introduces errors that
must be trimmed. The ADP1050 has enough trim range to trim
errors that are introduced by resistors with a tolerance of ≤0.5%.
To trim the errors introduced by the resistor divider, use the
following procedure:
1. Set the VOUT_COMMAND (Register 0x21) with the
nominal output voltage value. Set the VOUT_SCALE_
LOOP command (Register 0x29) and the VOUT_SCALE_
MONITOR command (Register 0x2A) based on the resistor
divider information.
2. Enable the power supply with the no-load current. The voltage
of the VS± pins is divided down by the VS± resistor dividers
to give a target of 1 V at the VS± pins.
3. Adjust the VOUT_CAL_OFFSET trim (Register 0x23) to
ensure that the output voltage is exactly the target output
voltage.
4. Adjust the VS gain trim register (Register 0xFE20) when
the READ_VOUT reading in Register 0x8B is the exact
output voltage reading.
VIN TRIM (VF GAIN TRIM)
The voltage sense inputs are optimized for the VF pin signals at
1 V and cannot sense a signal greater than 1.6 V. A resistor divider
is required to divide the sensed voltage signal into a voltage of
less than 1.6 V. It is recommended that the VF voltage signal be
reduced to 1 V for best performance. The resistor divider
introduces errors, which must be trimmed.
Use the following procedure:
1. Set the VIN_SCALE_MONITOR command in Register 0xD8
based on the resistor divider information (see Figure 20)
and the turns ratio information of the transformer.
IN_SCALE_MONITOR =
PRI
SEC
N
N
R2
R1
R2
×
+
where NPRI and NSEC are the turns of the primary side
and secondary side windings, respectively, of the
transformer.
2. Apply the nominal input voltage at the no load condition
to achieve a targeted voltage of approximately 1 V at the
VF pin.
3. Adjust the VF gain trim register (Register 0xFE28) when
the READ_VIN reading in Register 0x88 is the exact
nominal voltage reading.
4. Adjust the input voltage compensation multiplier
(Register 0xFE59) to make the READ_VIN reading
match the exact input voltage at the full load condition.
Rev. A | Page 35 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com