Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
ADP1050
Data Sheet
Table 111. Register 0xFE13—Dual-Ended Topology Mode
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Dual-ended
topology enable
R/W
Setting this bit to 1 means that dual-ended topologies are used. It affects the modulation high limit.
The modulation limit in each half cycle is half of the modulation limit that is programmed in
Register 0xFE3C.
0 = operates in single-ended topologies, such as buck, forward, and flyback.
1 = operates in dual-ended topologies, such as full bridge, half bridge, and push pull.
[5:0]
Reserved
R/W
Reserved.
CURRENT SENSE AND LIMIT SETTING REGISTERS
Table 112. Register 0xFE14—CS1 Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Gain polarity
R/W
Setting this bit to 1 means that negative gain is introduced.
0 = positive gain is introduced.
1 = negative gain is introduced.
[6:0]
CS1 gain trim
R/W
This value calibrates the CS1 current sense gain. Apply 1 V dc at the CS1 pin. This register is
trimmed until the CS1 value reads 2560 decimal (0xA00).
Table 113. Register 0xFE19—CS3 OC Debounce
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
[6:5]
CS3_OC_FAULT flag
debounce
R/W
These two bits set the CS3_OC_FAULT flag debounce time.
Bit 6
Bit 5
Debounce Time (ms)
0
0
0
0
1
10
1
0
20
1
1
200
[4:0]
Reserved
R/W
Reserved.
Table 114. Register 0xFE1A—IIN_OC_FAST_FAULT_LIMIT
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
[6:4]
IIN_OC_FAST_
FAULT_LIMIT
R/W
If the CS1 cycle-by-cycle current-limit comparator is set and the CS1_OCP flag is triggered, all PWM
outputs that are on at that time can be programmed to be immediately disabled for the remainder
of the switching cycle. The PWM outputs resume normal operation at the beginning of the next
switching cycle.
There is an internal counter, N, with an initial value of 0. N counts the CS1_OCP flag triggering
number in consecutive switching cycles. If the CS1_OCP flag is triggered in one cycle, then NCURRENT =
NPREVIOUS + 2. If the CS1_OCP flag is not triggered in one cycle and the previous N > 0, then NCURRENT =
NPREVIOUS − 1. If the CS1_OCP flag is not triggered and the previous N = 0, then NCURRENT = 0. When N
reaches the IIN_OC_FAST_FAULT_LIMIT value, the IIN_OC_FAST_FAULT flag is set.
Note that there is one cycle in single-ended topologies, such as buck converter and forward
converter. There are two cycles in double-ended topologies, such as full bridge converter, half bridge
converter, and push pull converter.
Bit 6
Bit 5
Bit 4
Limit Value
0
0
0
2
0
0
1
8
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
[3:0]
Reserved
R/W
Reserved.
Rev. A | Page 76 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com