Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Data Sheet
ADP1050
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command sets the target voltage, to which the output changes when the OPERATION command is set to
margin low. The VOUT_TRANSITION_RATE command is used if this command is modified while the output is active and in a steady-
state condition.
Table 27. Register 0x26—VOUT_MARGIN_LOW
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the margin low value for the output voltage, in volts.
16-bit unsigned integer Y value for linear format: V = Y × 2N.
N is defined by the VOUT_MODE command.
3:1
MUX
LIMITER
VOUT_MAX
OPERATION
COMMAND
VOUT_MARGIN_HIGH
VOUT_MARGIN_LOW
VOUT_TRIM
VOUT_CAL_OFFSET
VOUT_COMMAND
VOUT_
SCALE_
LOOP
REFERENCE
VOLTAGE
EQUIVALENT
Figure 53. Conceptual View of the Output Voltage Related Commands
VOUT_TRANSITION_RATE
When the ADP1050 receives either a VOUT_COMMAND command or an OPERATION command (margin high, margin low) that causes the
output voltage to change, this command sets the rate, in mV/µs, at which the VS± pins change voltage. This commanded rate of change does
not apply when the unit is turned on or off. The maximum positive value (0x7BFF) of the two data bytes indicates that the unit makes the
transition as quickly as possible. Only the limited options in Table 28 are supported by the ADP1050.
Table 28. Register 0x27—VOUT_TRANSITION_RATE (Rate-of-Change Options Supported by the ADP1050)
Register Setting
Rate of Change (mV/μs)
1001100000001101 (0x980D)
0.0015625
1010000000001101 (0xA00D)
0.003125
1010100000001101 (0xA80D)
0.00625
1011000000001101 (0xB00D)
0.0125
1011100000001101 (0xB80D)
0.025
1100000000001101 (0xC00D)
0.050
1100100000001101 (0xC80D)
0.1
1101000000001101 (0xD00D)
0.2
0111101111111111 (0x7BFF)
Infinite (default)
Table 29. Register 0x27—VOUT_TRANSITION_RATE
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
Rev. A | Page 55 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com