Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
ADP1050
Data Sheet
Register Setting
Switching Frequency (kHz)
Accurate Switching Period (µs)
1111101101000001 (0xFB41)
416.5
2.40
1111101101001111 (0xFB4F)
423.5
2.36
0000000110101111 (0x1AF)
431
2.32
1111101101101101 (0xFB6D)
438.5
2.28
1111101101111101 (0xFB7D)
446.5
2.24
1111101110001101 (0xFB8D)
454.5
2.20
0000000111001111 (0x01CF)
463
2.16
0000000111011000 (0x01D8)
472
2.12
0000000111100001 (0x01E1)
481
2.08
0000000111101010 (0x1EA)
490
2.04
0000000111110100 (0x1F4)
500
2.00
0000000111111110 (0x01FE)
510
1.96
0000001000001000 (0x0208)
520
1.92
0000001000010011 (0x0213)
531
1.88
0000001000011111 (0x0x21F)
543
1.84
0000001000101100 (0x022C)
556
1.80
0000001000111000 (0x0238)
568
1.76
0000001001000101 (0x0245)
581
1.72
0000001001010011 (0x0253)
595
1.68
0000001001100010 (0x0262)
610
1.64
0000001001110001 (0x0271)
625
1.60
Table 33. Register 0x33—FREQUENCY_SWITCH
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
VIN_ON
The VIN_ON command sets the value of the input voltage (in volts) at which the unit starts power conversion.
Table 34. Register 0x35—VIN_ON
Bit
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
N must be in the range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
VIN_OFF
The VIN_OFF command sets the value of the input voltage (in volts) at which the unit stops power conversion after operation has started.
Table 35. Register 0x36—VIN_OFF
Bit
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
N must be in the range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
Rev. A | Page 58 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com