Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
ADP1050
Data Sheet
Table 105. Register 0xFE0C—Volt-Second Balance Blanking and SR Disable During Soft Start
Bits
Bit Name/Function
R/W
Description
[7:5]
Reserved
R/W
Reserved.
4
VIN_UV_FAULT reenable blank
R/W
0 = VIN_UV_FAULT flag is not blanked during the flag reenable delay. This is the
recommended setting if the input voltage signal can be sensed by the ADP1050 before the
PSU starts to operate.
1 = VIN_UV_FAULT flag is blanked during the flag reenable delay.
3
First flag ID update
R/W
This bit specifies whether the first flag ID is saved in the EEPROM. If it is set, the first flag ID
is saved in the EEPROM. During the VDD power reset, the first flag ID is downloaded from
the EEPROM to Register 0xFEA6.
0 = the first flag ID is not saved in the EEPROM.
1 = the first flag ID is saved in the EEPROM.
2
Flag shutdown timing
R/W
Specifies when the PWM outputs are shut down after a manufacturer specific flag is triggered.
0 = the PWM outputs are shut down at the end of the switching cycle.
1 = the PWM outputs are shut down immediately.
1
Volt-second balance blanking
R/W
0 = the volt-second balance control is not blanked during soft start.
1 = the volt-second balance control is blanked during soft start.
0
SR disable
R/W
0 = SR1 and SR2 are not disabled during soft start.
1 = SR1 and SR2 are disabled during soft start.
Table 106. Register 0xFE0D—PGOOD Mask Settings
Bits
Bit Name/Function
R/W
Description
7
VIN_UV_FAULT flag
R/W
1 = the VIN_UV_FAULT flag is ignored by PGOOD.
6
IIN_OC_FAST_FAULT flag
R/W
1 = the IIN_OC_FAST_FAULT flag is ignored by PGOOD.
5
Reserved
R/W
Reserved.
4
VOUT_OV_FAULT flag
R/W
1 = the VOUT_OV_FAULT flag is ignored by PGOOD.
3
VOUT_UV_FAULT flag
R/W
1 = the VOUT_UV_FAULT flag is ignored by PGOOD.
2
OT_FAULT flag
R/W
1 = the OT_FAULT flag is ignored by PGOOD.
1
OT_WARNING flag
R/W
1 = the OT_WARNING flag is ignored by PGOOD.
0
Reserved
R/W
Reserved.
Table 107. Register 0xFE0E—PGOOD Flag Debounce
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
CS1 cycle-by-cycle current limit
to disable OUTB
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the OUTB output for the
remainder of the switching cycle when cycle-by-cycle current limiting occurs.
4
CS1 cycle-by-cycle current limit
to disable OUTA
R/W
Setting this bit enables the CS1 cycle-by-cycle current limit to disable the OUTA output
for the remainder of the switching cycle when cycle-by-cycle current limiting occurs.
[3:2]
PGOOD flag clearing debounce
R/W
These bits specify the PGOOD flag clearing debounce, which is the time from when
the PGOOD clearing condition is met to the time when the PGOOD flag is cleared.
Bit 3
Bit 2
PGOOD Flag Setting Debounce (ms)
0
0
0
0
1
200
1
0
320
1
1
600
[1:0]
PGOOD flag setting debounce
R/W
These bits specify the PGOOD flag setting debounce, which is the time from when
the PGOOD setting condition is met to the time when the PGOOD flag is set and the
PG/ALT pin is pulled low.
Bit 1
Bit 0
PGOOD Flag Clearing Debounce (ms)
0
0
0
0
1
200
1
0
320
1
1
600
Rev. A | Page 74 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com