Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 90 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Data Sheet
ADP1050
MANUFACTURER SPECIFIC FAULT FLAG REGISTERS
Table 162. Register 0xFEA0—Flag Register 1 and Register 0xFEA3—Latched Flag Register 1 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name/Function
R/W
Description
Register1
Action1
7
CHIP_PASSWORD_UNLOCKED
R
Chip password is unlocked.
None
6
PGOOD
R
At least one of the following flags has been set:
VOUT_OV_FAULT, VOUT_UV_FAULT, OT_FAULT,
OT_WARNING, VIN_UV_FAULT, IIN_OC_FAST_FAULT,
POWER_OFF, CRC_FAULT, SOFT_START_FILTER,
or POWER_GOOD. Some of the flags are maskable according
to Register 0xFE0D.
0xFE0D
and
0xFE0E
PG/ALT pin
set low
5
IIN_OC_FAST_FAULT
R
An input overcurrent fast fault is triggered.
0xFE1F
Programmable
4
Reserved
R
Reserved.
N/A
N/A
3
CS3_OC_FAULT
R
A CS3 overcurrent fault is triggered.
0xFE6A
Programmable
[2:1]
Reserved
R
Reserved.
N/A
N/A
0
VDD_OV
R
VDD is above the OVLO limit. The I2C/PMBus interface
remains functional, but power conversion stops.
0xFE05
Programmable
1
N/A means not applicable.
Table 163. Register 0xFEA1—Flag Register 2 and Register 0xFEA4—Latched Flag Register 2 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name/Function
R/W
Description
Register1
Action1
[7:3]
Reserved
R
Reserved.
N/A
N/A
2
VIN_UV_FAULT
R
VIN reading is below the VIN_OFF limit.
0xFE29
Programmable
1
SYNC_LOCKED
R
Cycle-by-cycle synchronization starts.
N/A
Programmable
0
FLAGIN
R
FLAGIN flag (SYNI/FLGI pin) is set.
0xFE12
Programmable
1
N/A means not applicable.
Table 164. Register 0xFEA2—Flag Register 3 and Register 0xFEA5—Latched Flag Register 3 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name/Function
R/W
Description
Register1
Action1
7
CHIP_ID
R
In the ADP1050, this bit is 0.
N/A
N/A
6
PULSE_SKIPPIING
R
Pulse skipping mode is in use.
0xFE69
Programmable
[5:4]
Reserved
R
Reserved.
N/A
N/A
3
EEPROM_UNLOCKED
R
The EEPROM is unlocked.
N/A
None
2
CRC_FAULT
R
The EEPROM contents that were downloaded are incorrect.
N/A
Immediate
shutdown
1
Modulation
R
Digital compensator output is at its minimum or maximum
limit.
N/A
None
0
SOFT_START_FILTER
R
The soft start filter is in use.
N/A
None
1
N/A means not applicable.
Rev. A | Page 89 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com