Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 82 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
Data Sheet
ADP1050
Table 131. Register 0xFE32—Normal Mode Compensator Pole Settings
Bits
Bit Name/Function
R/W
Description
[7:0]
Normal mode
pole settings
R/W
This register determines the position of the pole of the digital compensator in normal mode.
See Figure 56.
Table 132. Register 0xFE33—Normal Mode Compensator High Frequency Gain Settings
Bits
Bit Name/Function
R/W
Description
[7:0]
Normal mode high
frequency gain
R/W
This register determines the high frequency gain of the digital compensator in normal mode. It is
programmable over a 48.13 dB range. See Figure 56.
Table 133. Register 0xFE38—CS1 Threshold for Volt-Second Balance
Bits
Bit Name/Function
R/W
Description
[7:0]
CS1 threshold for
volt-second balance
R/W
This register sets the CS1 threshold to enable volt-second balance control. The volt-second balance
control function is activated only if the CS1 value is greater than this threshold value. Each LSB is
6.25 mV.
Table 134. Register 0xFE39—Nominal Modulation Value for Prebias Startup
Bits
Bit Name/Function
R/W
Description
[7:0]
Nominal modulation
value for prebias
start-up function
R/W
These bits set the nominal modulation value when the input voltage and the output voltage are in
nominal conditions. It is used to calculate the initial modulation value, based on the sensed VOUT value
and the sensed VIN value, for the prebias startup. If Register 0xFE6C[1] is cleared, the input voltage is
always regarded as the nominal input condition unless closed-loop feedforward operation is in use.
Switching Frequency Range (kHz)
Resolution Corresponding to LSB (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Table 135. Register 0xFE3A—SR Driver Delay
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
SR gate drive delay
R/W
These bits set the SR gate drive delay in steps of 5 ns, from 0 ns to a maximum of 315 ns.
Table 136. Register 0xFE3B—PWM 180° Phase Shift Settings
Bits
Bit Name/Function
R/W
Description
7
Volt-second balance
leading edge blanking
R/W
Setting this bit means that CS1 is blanked for volt-second balance calculations at the rising edge of
those PWMs selected for volt-second balance. The blanking time is the same as for the CS1 cycle-
by-cycle current-limit setting.
6
Volt-second balance
50% blanking of each
phase
R/W
Setting this bit limits the sampling period for the current on CS1 to less than 50% of a half cycle.
5
SR2 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the SR2 edges.
4
SR1 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the SR1 edges.
[3:2]
Reserved
R/W
Reserved.
1
OUTB 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the OUTB edges.
0
OUTA 180° phase shift
R/W
Setting this bit adds a 180° phase shift for the timing of the OUTA edges.
Rev. A | Page 81 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com