Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
ADP1050
Data Sheet
Address
Register Function
PWM Outputs Timing Registers
0xFE3E
OUTA rising edge timing
0xFE3F
OUTA falling edge timing
0xFE40
OUTA rising and falling edges timing (LSBs)
0xFE41
OUTB rising edge timing
0xFE42
OUTB falling edge timing
0xFE43
OUTB rising and falling edges timing (LSBs)
0xFE4A
SR1 rising edge timing
0xFE4B
SR1 falling edge timing
0xFE4C
SR1 rising and falling edges timing (LSBs)
0xFE4D
SR2 rising edge timing
0xFE4E
SR2 falling edge timing
0xFE4F
SR2 rising and falling edges timing (LSBs)
0xFE50
OUTA and OUTB modulation settings
0xFE52
SR1 and SR2 modulation settings
0xFE53
PWM output disable
Volt-Second Balance Control Registers
0xFE54
Volt-second balance control general settings
0xFE55
Volt-second balance control on OUTA and OUTB
0xFE57
Volt-second balance control on SR1 and SR2
Duty Cycle Reading Setting Registers
0xFE58
Duty cycle reading settings
0xFE59
Input voltage compensation multiplier
Other Setting Registers
0xFE61
Go commands
0xFE62
Customized register
0xFE63
Modulation reference MSBs setting for open-loop input voltage feedforward operation
0xFE64
Modulation reference LSBs setting for open-loop input voltage feedforward operation
0xFE65
Current value update rate setting
0xFE67
Open-loop operation settings
0xFE69
Pulse skipping mode threshold
0xFE6A
CS3_OC_FAULT_LIMIT
0xFE6B
Modulation threshold for OVP selection
0xFE6C
Modulation flag for OVP selection
0xFE6D
OUTA and OUTB adjustment reference during synchronization
0xFE6F
SR1 and SR2 adjustment reference during synchronization
Manufacturer Specific Fault Flag Registers
0xFEA0
Flag Register 1
0xFEA1
Flag Register 2
0xFEA2
Flag Register 3
0xFEA3
Latched Flag Register 1
0xFEA4
Latched Flag Register 2
0xFEA5
Latched Flag Register 3
0xFEA6
First flag ID
Manufacturer Specific Value Reading Registers
0xFEA7
CS1 value
0xFEA9
CS3 value
0xFEAA
VS± value
0xFEAB
RTD value
0xFEAC
VF value
0xFEAD
Duty cycle value
0xFEAE
Input power value
Rev. A | Page 50 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com