Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
Data Sheet
ADP1050
OT_FAULT_RESPONSE
The OT_FAULT_RESPONSE command determines the fault response for the OT_FAULT flag.
Table 41. Register 0x50—OT_FAULT_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Response
R/W
00 = continues operation without interruption.
01 = continues operation for the Delay Time 1 specified by Bits[2:0] and the delay time unit
specified for that particular fault. If the fault condition is still present at the end of the delay time, the
unit responds as programmed in the retry setting (Bits[5:3]).
10 = shuts down (disables the output) and responds according to the retry setting in Bits[5:3].
11 = the output is disabled while the fault is present. Operation resumes and the output is enabled
when the fault condition no longer exists.
[5:3]
Retry setting
R/W
000 = restart not attempted. The output remains disabled until the fault is cleared.
001 to 110 = attempts to restart the number of times set by these bits. If the device fails to restart
in the allowed number of retries, it disables the output and remains off until the fault is cleared.
The time between the start of each attempt to restart is set by the Delay Time 2 value in Bits[2:0],
together with the delay time unit specified for that particular fault.
111 = attempts to restart continuously, without limitation, until commanded off (by the CTRL pin or
the OPERATION command, or both), VDD is removed, or another fault condition causes the unit to
shut down.
[2:0]
Delay time
R/W
These bits set the delay time.
Bit 2
Bit 1
Bit 0
Delay Time 1 (sec)
Delay Time 2 (ms)
0
0
0
1
252
0
0
1
1
588
0
1
0
1
924
0
1
1
1
1260
1
0
0
1
1596
1
0
1
1
1932
1
1
0
1
2268
1
1
1
1
2604
POWER_GOOD_ON
The POWER_GOOD_ON command sets the output voltage (in volts) at which the POWER_GOOD signal is asserted. The POWER_GOOD
status bit (POWER_GOOD) in the STATUS_WORD command is always reflective of VOUT with regard to the POWER_GOOD_ON and
POWER_GOOD_OFF limits.
Table 42. Register 0x5E—POWER_GOOD_ON
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage for the POWER_GOOD_ON command.
16-bit unsigned integer Y value for linear format X = Y × 2N.
N is defined by the VOUT_MODE command.
POWER_GOOD_OFF
The POWER_GOOD_OFF command sets the output voltage (in volts) at which the POWER_GOOD signal is negated. The POWER_GOOD
status bit (POWER_GOOD) in the STATUS_WORD command is always reflective of VOUT with regard to the POWER_GOOD_ON and
POWER_GOOD_OFF limits.
Table 43. Register 0x5F—POWER_GOOD_OFF
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage for the POWER_GOOD_OFF command.
16-bit unsigned integer Y value for linear format X = Y × 2N.
N is defined by the VOUT_MODE command.
Rev. A | Page 61 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com