Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
ADP1050
Data Sheet
EEPROM_ADDR_OFFSET
Table 86. Register 0xD3—EEPROM_ADDR_OFFSET
Bits
Bit Name/Function
R/W
Description
[15:0]
Address offset
R/W
These bits set the address offset of the current EEPROM page.
EEPROM_PAGE_ERASE
Table 87. Register 0xD4—EEPROM_PAGE_ERASE
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM page erase
W
Perform a page erase on the selected EEPROM page (Page 3 to Page 15). Wait at least 35 ms after
each page erase operation. The EEPROM must first be unlocked.
Page 0 and Page 1 are reserved for storing the default settings and user settings, respectively. The
user cannot perform a page erase of Page 0 or Page 1.
Page 2 is reserved for internal use; do not erase the contents of Page 2.
Page 3 is reserved for storing the board parameters for GUI use; erase Page 3 before storing the
board parameters.
The following list shows the register setting used to access each page:
0x03 = Page 3.
0x04 = Page 4.
0x05 = Page 5.
0x06 = Page 6.
0x07 = Page 7.
0x08 = Page 8.
0x09 = Page 9.
0x0A = Page 10.
0x0B = Page 11.
0x0C = Page 12.
0x0D = Page 13.
0x0E = Page 14.
0x0F = Page 15.
EEPROM_PASSWORD
Table 88. Register 0xD5—EEPROM_PASSWORD
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM password
W
Writes the password using this command to unlock the EEPROM for read/write access. Writes the
EEPROM password two consecutive times to unlock the EEPROM. Writes any other value to exit.
The factory default password is 0xFF.
TRIM_PASSWORD
Table 89. Register 0xD6—TRIM_PASSWORD
Bits
Bit Name/Function
R/W
Description
[7:0]
Trim password
W
Writes the password using this command to unlock the trim registers for write access. Writes the
trim password two consecutive times to unlock the registers. Writes any other value to exit. The trim
password is the same as the EEPROM password. The factory default password is 0xFF.
CHIP_PASSWORD
Table 90. Register 0xD7—CHIP_PASSWORD
Bits
Bit Name/Function
R/W
Description
[15:0]
Chip password
W
Writes the correct chip password two consecutive times to unlock the chip registers for
read/write access. Writes any other value to exit. The factory default password is 0xFFFF. This
register cannot be read. Any read action on this register returns 0.
Rev. A | Page 68 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com