Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
ADP1050
Data Sheet
CS3 Overcurrent Protection
CS3 overcurrent protection provides alternative output overcurrent
protection if the direct output current sense is not available. The
reading is calculated from the CS1 and duty cycle readings.
The CS3_OC_FAULT flag (Register 0xFEA0[3]) is set when
the CS3 current reading of the eight most significant bits (MSBs)
in Register 0xFEA9 exceeds the CS3_OC_FAULT_LIMIT that is
programmed in Register 0xFE6A. The debounce time of the flag
setting can be programmed at 0 ms, 10 ms, 20 ms, or 200 ms in
Register 0xFE19[6:5]. The response of the CS3_OC_FAULT flag
is programmed in the CS3_OC_FAULT_RESPONSE bits
(Register 0xFE01[3:0]). See the Manufacturer Specific Protection
Responses section.
FLAGIN Protection
The SYNI/FLGI pin (Pin 10) can be configured in flag input mode
(FLGI). An external signal can be sent to the ADP1050 to trigger
an action. The polarity of the external signal is configured by the
FLGI polarity bit (Register 0xFE12[2]). When the ADP1050
detects an external signal, the FLAGIN flag is set. The response to
the FLAGIN flag is programmed in the FLAGIN_RESPONSE
bits (Register 0xFE03[3:0]). See the Manufacturer Specific
Protection Responses section.
VDD OVLO Protection
The ADP1050 has built-in overvoltage protection (OVP) on
its supply rail. The VDD overvoltage response bits (VDD_OV_
RESPONSE), found in Register 0xFE05[5:4], are used to specify
the response to a VDD overvoltage condition.
•
If Register 0xFE05[5] = 0, the VDD_OV flag is set and the
ADP1050 shuts down when the VDD voltage rises above the
OVLO threshold. When the VDD overvoltage condition ends,
the VDD_OV flag is cleared and the ADP1050 downloads
the EEPROM contents before restarting with a soft start
process. The debounce time of the VDD_OV flag can be
programmed using Register 0xFE05[4].
•
If Register 0xFE05[5] = 1, the VDD_OV flag is always
cleared, regardless of VDD voltage conditions. The
ADP1050 continues to operate without interruption.
It is recommended that the VDD_OV flag response not be
programmed as always cleared.
MANUFACTURER SPECIFIC PROTECTION
RESPONSES
For the VDD_OV flag and protection action, see the VDD
OVLO Protection section.
The following flags can be configured to trigger protection
responses: IIN_OC_FAST_FAULT, VOUT_OV_FAULT,
CS3_OC_FAULT, VIN_UV_FAULT, and FLAGIN. The
VOUT_OV_FAULT flag, which triggers the manufacturer
specific protection in Register 0xFE01[7:4], is used only for
conditional overvoltage protection. See the VOUT Overvoltage
Protection (OVP) section for details.
Each of the aforementioned flags can be individually programmed
to trigger one of the following responses:
•
Continue operation without interruption (flag ignored)
•
Disable SR1 and SR2
•
Disable all PWM outputs
After the condition that triggered the flag is resolved and the flag is
cleared, the ADP1050 can be programmed to respond as follows:
•
After the flag reenable delay time elapses, reenable the
disabled PWM outputs with a soft start sequence.
•
Reenable the disabled PWM outputs immediately without
the soft start process.
•
Keep the PWM output disabled. A PSON reset signal must
be used to reenable the PWM outputs with a soft start
sequence.
The first flag that causes all PWM outputs to be disabled and
requires a soft start if the PWM outputs are reenabled is
recorded as the first flag ID. For more information about use
of the first flag ID, see the First Flag ID Recording section.
A flag reenable delay can be set for the listed manufacturer
specific flags. This delay is used if the configured action for
a flag is to reenable the PWM outputs after the flag reenable delay.
This delay can be set to 250 ms, 500 ms, 1 sec, or 2 sec, using
Register 0xFE05[7:6].
Rev. A | Page 34 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com