Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
Data Sheet
ADP1050
VIN_SCALE_MONITOR
The VIN_SCALE_MONITOR command is the scale factor between the VIN ADC value and the real input voltage. It is typically used with
the READ_VIN command. The value must be in the range of 0 to 1 decimal.
Table 91. Register 0xD8—VIN_SCALE_MONITOR
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: X = Y × 2N.
N must be in the range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: X = Y × 2N.
IIN_SCALE_MONITOR
The IIN_SCALE_MONITOR command is the scale factor between the IIN ADC value and the real input current. It is typically used with
the READ_IIN command. The value must be in the range of 0 to 1 decimal.
Table 92. Register 0xD9—IIN_SCALE_MONITOR
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear mode format: X = Y × 2N.
N must be in the range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear mode format: X = Y × 2N.
EEPROM_INFO
Register 0xF1 is a read block. The EEPROM_INFO command reads the first flag data from the EEPROM.
Table 93. Register 0xF1—EEPROM_INFO
Bits
Bit Name/Function
R/W
Description
[7:0]
EEPROM_INFO
R block
Block read data of the EEPROM information block.
MFR_SPECIFIC_1
Table 94. Register 0xFA—MFR_SPECIFIC_1
Bits
Bit Name/Function
R/W
Description
[7:0]
Customized register
R/W
These bits are available to the user to store customized information.
MFR_SPECIFIC_2
Table 95. Register 0xFB—MFR_SPECIFIC_2
Bits
Bit Name/Function
R/W
Description
[7:0]
Customized register
R/W
These bits are available to the user to store customized information.
Rev. A | Page 69 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com