Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
ADP1050
Data Sheet
EEPROM
The ADP1050 has a built-in EEPROM controller that is used
to communicate with the embedded 8000-byte EEPROM.
The EEPROM, also called Flash/EE, is partitioned into two
major blocks: the information block and the main block. The
information block contains 128 8-bit bytes (for internal use only),
and the main block contains 8000 8-bit bytes. The main block
is further partitioned into 16 pages, with each page containing
512 bytes.
EEPROM FEATURES
The function of the EEPROM controller is to decode the operation
that is requested by the ADP1050 and to provide the necessary
timing to the EEPROM interface. Data is written to or read
from the EEPROM, as requested by the decoded command.
Features of the EEPROM controller include
•
Separate page erase functions for each page in the
EEPROM
•
Single byte and multibyte (block) read of the information
block with up to 128 bytes at a time
•
Single byte and multibyte (block) write and read of the
main block with up to 256 bytes at a time
•
Automatic upload on startup, from the user settings to the
internal registers
•
Separate commands to upload and download data, from
the factory default or user settings to the internal registers
EEPROM OVERVIEW
The EEPROM controller provides an interface between the
ADP1050 core logic and the built-in EEPROM. The user can
control data access to and from the EEPROM through this
controller interface. Different PMBus commands are available
for the read, write, and erase operations to the EEPROM.
Communication is initiated by the master device sending a
command to the PMBus slave device to access data from or
send data to the EEPROM. Read, write, and erase commands
are supported. Data is transferred between devices in a byte
wide format. Using a read command, data is received from the
EEPROM and transmitted to the master device. Using a write
command, data is received from the master device and stored in
the EEPROM through the EEPROM controller.
EEPROM PASSWORD
On ADP1050 VDD power-up, the EEPROM is locked and
protected from accidental writes or erases. Only reads from
Page 2 to Page 15 are allowed when the EEPROM is locked.
Before any data can be written (programmed) to the EEPROM,
the EEPROM must be unlocked for write access. After it is
unlocked, the EEPROM is opened for reading, writing, and
erasing.
On power-up, Page 0 and Page 1 are also protected from read
access. The EEPROM must first be unlocked to read these pages.
Unlock the EEPROM
To unlock the EEPROM, perform two consecutive writes
with the correct password (default = 0xFF), using the
EEPROM_PASSWORD command (Register 0xD5). The
EEPROM_UNLOCKED flag (Register 0xFEA2[3]) is set to
indicate that the EEPROM is unlocked for write access.
Lock the EEPROM
To lock the EEPROM, write any byte other than the correct
password, using the EEPROM_PASSWORD command
(Register 0xD5). The EEPROM_UNLOCKED flag is cleared
to indicate that the EEPROM is locked from write access.
Change the EEPROM Password
To change the EEPROM password, first write the correct password,
using the EEPROM_PASSWORD command (Register 0xD5).
Immediately write the new password, using the same command.
The password is now changed to the new password.
PAGE ERASE OPERATION
The main block consists of 16 equivalent pages of 512 bytes
each, numbered Page 0 to Page 15. Page 0 and Page 1 of the
main block are reserved for storing the default settings and user
settings, respectively. The user cannot perform a page erase
operation on Page 0 or Page 1. Page 3 is reserved for storing the
power board parameters for the GUI.
Only Page 4 to Page 15 of the main block can be used to store
data. To erase any page from Page 4 to Page 15, the EEPROM
must first be unlocked for access. For instructions on how to
unlock the EEPROM, see the Unlock the EEPROM section.
Each page of the main block, from Page 4 to Page 15, can be
individually erased using the EEPROM_PAGE_ERASE command
(Register 0xD4). For example, to perform a page erase of Page 10,
execute the command shown in Figure 46.
A
S
P
A
A
DATA BYTE
W
7-BIT SLAVE
ADDRESS
COMMAND
CODE
MASTER TO SLAVE
SLAVE TO MASTER
Figure 46. Example Erase Command
In this example, command code = 0xD4 and data byte = 0x0A.
Note that it is important to wait at least 35 ms for the page erase
operation to complete before executing the next PMBus command.
The EEPROM allows erasing of whole pages only; therefore, to
change the data of any single byte in a page, the entire page must
first be erased (set to logic high) for that byte to be writeable.
Subsequent writes to any bytes in that page are allowed as long
as that byte has not been previously written to a logic low.
Rev. A | Page 42 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com