Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Data Sheet
ADP1050
Host Sends or Reads Too Few Bytes
If a host ends a packet with a stop condition before the required
bytes are sent/received, it is assumed that the host intended to
stop the transfer. Therefore, the PMBus does not consider this
to be an error and takes no action, except to flush any remaining
bytes in the transmit FIFO.
Host Sends Too Many Bytes
If a host sends more bytes than are expected for the corresponding
command, the PMBus slave considers this a data transmission
fault and responds as follows:
•
Issues a no acknowledge for all unexpected bytes as they
are received
•
Flushes and ignores the received command and data
•
Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1])
Host Reads Too Many Bytes
If a host reads more bytes than are expected for the corresponding
command, the PMBus slave considers this a data transmission
fault and responds as follows:
•
Sends all 1s (0xFF) as long as the host continues to request
data
•
Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1])
Device Busy
The PMBus slave device is too busy to respond to a request
from the master device. This condition is not supported in
the ADP1050.
DATA CONTENT FAULTS
Data content faults may occur when the data transmission is
successful, but the PMBus slave device cannot process the data
that is received from the master device.
Improperly Set Read Bit in the Address Byte
All PMBus commands start with a slave address with the R/W
bit cleared to 0, followed by the command code. If a host starts
a PMBus transaction with R/W set in the address phase
(equivalent to an I2C read), the PMBus slave considers this
a data content fault and responds as follows:
•
Acknowledges (ACKs) the address byte
•
Issues a no acknowledge for the command and data bytes
•
Sends all 1s (0xFF) as long as the host continues to request
data
•
Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1])
Invalid or Unsupported Command Code
If an invalid or unsupported command code is sent to the
PMBus slave, the code is considered to be a data content fault,
and the PMBus slave responds as follows:
•
Issues a no acknowledge for the illegal/unsupported
command byte and data bytes
•
Flushes and ignores the received command and data
•
Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1])
Reserved Bits
Accesses to reserved bits are not a fault. Writes to reserved bits
are ignored, and reads from reserved bits return undefined data.
Write to Read Only Commands
If a host performs a write to a read only command, the PMBus
slave considers this a data content fault and responds as follows:
•
Issues a no acknowledge for all unexpected data bytes as
they are received
•
Flushes and ignores the received command and data
•
Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1])
Note that this is the same error described in the Host Sends Too
Many Bytes section.
Read from Write Only Commands
If a host performs a read from a write only command, the PMBus
slave considers this a data content fault and responds as follows:
•
Sends all 1s (0xFF) as long as the host continues to request
data
•
Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1])
Note that this is the same error response that is described in the
Host Reads Too Many Bytes section.
Rev. A | Page 41 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com