Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
Data Sheet
ADP1050
PWM OUTPUTS TIMING REGISTERS
Figure 58 and Register 0xFE3E to Register 0xFE53 describe the implementation and programming of the four PWM signals that are
generated by the ADP1050.
OUTA
OUTB
SR1
SR2
tF1
tR1
tF2
tR2
tF5
tR5
tF6
tR6
tPERIOD
tPERIOD
Figure 58. PWM Timing Diagram
Table 139. Register 0xFE3E/Register 0xFE41/Register 0xFE4A/Register 0xFE4D—OUTA/OUTB/SR1/SR2 Rising Edge Timing
Bits
Bit Name/Function
R/W
Description
[7:0]
Rising edge timing, tRX,
MSBs
R/W
These bits contain the eight MSBs of the 12-bit tRX time. This value is always used with the four
MSBs of Register 0xFE40, Register 0xFE43, Register 0xFE4C, and Register 0xFE4F, which contain
the four LSBs of the tRX time.
tRx represents tR1, tR2, tR5, and tR6. Each LSB corresponds to 5 ns resolution.
Table 140. Register 0xFE3F/Register 0xFE42/Register 0xFE4B/Register 0xFE4E—OUTA/OUTB/SR1/SR2 Falling Edge Timing
Bits
Bit Name/Function
R/W
Description
[7:0]
Falling edge timing, tFX,
MSBs
R/W
These bits contain the eight MSBs of the 12-bit tFX time. This value is always used with the four
LSBs of Register 0xFE40, Register 0xFE43, Register 0xFE4C, and Register 0xFE4F, which contain the
four LSBs of the tFX time.
tFX represents tF1, tF2, tF5, and tF6. Each LSB corresponds to 5 ns resolution.
Table 141. Register 0xFE40/Register 0xFE43/Register 0xFE4C/Register 0xFE4F—OUTA/OUTB/ SR1/SR2 Rising and Falling Edge
Timing (LSBs)
Bits
Bit Name/Function
R/W
Description
[7:4]
Rising edge timing, tRX,
LSBs
R/W
These bits contain the four LSBs of the 12-bit tRX time. This value is always used with the eight bits of
Register 0xFE3E, Register 0xFE41, Register 0xFE4A, and Register0xFE4D, which contain the eight
MSBs of the tRX time.
tRx represents tR1, tR2, tR5, and tR6. Each LSB corresponds to 5 ns resolution.
[3:0]
Falling edge timing, tFX,
LSBs
R/W
These bits contain the four LSBs of the 12-bit tFX time. This value is always used with the eight bits
of Register 0xFE3F, Register 0xFE42, Register 0xFE4B, and Register 0xFE4E, which contain the eight
MSBs of the tFX time.
tFX represents tF1, tF2, tF5, and tF6. Each LSB corresponds to 5 ns resolution.
Rev. A | Page 83 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com