Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
ADP1050
Data Sheet
VOUT_CAL_OFFSET
The VOUT_CAL_OFFSET command is used to apply a fixed offset voltage to the output voltage command value. It is typically used by the
PMBus device manufacturer to calibrate the device in the factory. The trim range is −32 V to +32 V and each LSB size is 2−10 = 0.9765625 mV.
Table 24. Register 0x23—VOUT_CAL_OFFSET
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage trim value.
16-bit twos complement Y value for linear format: V = Y × 2N.
N is defined in the VOUT_MODE command.
VOUT_MAX
The VOUT_MAX command sets an upper limit on the output voltage the unit can attain, regardless of any other commands or combinations.
If an attempt is made to program the output voltage higher than the limit set by this command, the device responds as follows:
•
The commanded output voltage is set to the VOUT_MAX value.
•
The NONE OF THE ABOVE bit is set in the STATUS_BYTE command (Register 0x78[0]).
•
The VOUT bit is set in the STATUS_WORD command (Register 0x79[15]).
•
The VOUT_MAX warning bit is set in the STATUS_VOUT command (Register 0x7A[3]).
Table 25. Register 0x24—VOUT_MAX
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the output voltage upper limit.
16-bit unsigned integer Y value for linear format: V = Y × 2N.
N is defined in the VOUT_MODE command.
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command sets the target voltage to which the output changes when the OPERATION command is set to
margin high. The VOUT_TRANSITION_RATE command is used if this command is modified while the output is active and in a steady
state condition.
Table 26. Register 0x25—VOUT_MARGIN_HIGH
Bits
Bit Name/Function
R/W
Description
[15:0]
Mantissa
R/W
Sets the margin high value for the output voltage, in volts.
16-bit unsigned integer Y value for linear format: V = Y × 2N.
N is defined by the VOUT_MODE command.
Rev. A | Page 54 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com