Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
ADP1050
Data Sheet
Table 127. Register 0xFE2D—RTD Current Source Settings
Bits
Bit Name/Function
R/W
Description
[7:6]
RTD current setting
R/W
These bits set the size of the current source on the RTD pin.
Bit 7
Bit 6
Current Source (µA)
0
0
10
0
1
20
1
0
30
1
1
40
[5:0]
RTD current trim
R/W
These six bits are used to trim the current source on the RTD pin. Each LSB corresponds to 160 nA,
independent of the RTD current setting selected in Bits[7:6].
Table 128. Register 0xFE2F—OT Hysteresis Settings
Bits
Bit Name/Function
R/W
Description
[7:3]
Reserved
R/W
Reserved.
2
OT_WARNING flag
debounce
R/W
This bit sets the OT_WARNING flag debounce time.
0 = sets the flag actions debounce time to 100 ms.
1 = sets the flag actions debounce time to 0 ms.
[1:0]
OT hysteresis
R/W
These bits set the OT hysteresis. Due to the negative temperature coefficient of the NTC thermistor or
analog temperature sensor, the OT_FAULT flag clearing voltage threshold is programmed with a
voltage greater than the OT_FAULT flag setting voltage threshold.
Bit 1
Bit 0
OT Hysteresis
0
0
OT hysteresis = 12.5 mV (4 LSBs)
0
1
OT hysteresis = 25 mV (8 LSBs)
1
0
OT hysteresis = 37.5 mV (12 LSBs)
1
1
OT hysteresis = 50 mV (16 LSBs)
DIGITAL COMPENSATOR AND MODULATION SETTING REGISTERS
POLE LOCATION
RANGE
ZERO
100Hz
500Hz
1kHz
5kHz
10kHz
POLE
LF FILTER
HF FILTER
Figure 56. Digital Compensator Programmability
Table 129. Register 0xFE30—Normal Mode Compensator Low Frequency Gain Settings
Bits
Bit Name/Function
R/W
Description
[7:0]
Normal mode low
frequency gain
R/W
This register determines the low frequency gain of the digital compensator in normal mode. It is
programmable over a 48.13 dB range. See Figure 56.
Table 130. Register 0xFE31—Normal Mode Compensator Zero Settings
Bits
Bit Name/Function
R/W
Description
[7:0]
Normal mode
zero settings
R/W
This register determines the position of the zero of the digital compensator in normal mode.
See Figure 56.
Rev. A | Page 80 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com