Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Data Sheet
ADP1050
PMBus COMMAND DESCRIPTIONS
BASIC PMBus COMMANDS
OPERATION
The OPERATION command is used to turn the unit on and off in conjunction with the input from the CTRL pin. It is also used to set the
output voltage to the upper or lower voltage margin. The unit stays in the commanded operating mode until a subsequent OPERATION
command instructs the device to change to another mode.
Table 13. Register 0x01—OPERATION
Bits
Bit Name/Function
R/W
Description
[7:6]
Enable
R/W
These bits determine the response to the OPERATION command.
Bit 7
Bit 6
Description
0
0
Immediate off (no sequencing)
0
1
Soft off (power-down based on the programmed TOFF_DELAY command)
1
0
Unit on
1
1
Reserved
[5:4]
Margin control
R/W
These bits set the voltage margin level.
Bit 5
Bit 4
Description
0
0
Off
0
1
Margin low
1
0
Margin high
1
1
Reserved
[3:0]
Reserved
R
Reserved.
ON_OFF_CONFIG
The ON_OFF_CONFIG command configures the combination of CTRL pin input and serial bus commands needed to turn the unit on and off,
including how the unit responds when power is applied.
Table 14. Register 0x02—ON_OFF_CONFIG
Bits
Bit Name/Function
R/W
Description
[7:5]
Reserved
R
Reserved.
4
Power-up control
R/W
Controls how the device responds to the OPERATION command.
0 = the unit powers up whenever power is present.
1 = the unit powers up only when commanded by the CTRL pin and the OPERATION command
(as programmed in Register 0x02, Bits[3:0]).
3
Command enable
R/W
Controls how the device responds to the OPERATION command.
0 = ignores the OPERATION command.
1 = requires that the OPERATION command be set to the on state to enable the unit (in addition to
the setting of Bit 2).
2
Pin enable
R/W
Controls how the device responds to the value on the CTRL pin.
0 = ignores the CTRL pin.
1 = requires the CTRL pin to be asserted to enable the unit (in addition to the setting of Bit 3).
1
CTRL pin polarity
R/W
Sets the polarity for the CTRL pin.
0 = active low.
1 = active high.
0
Power-down delay
setting
R/W
Action to take at power-down.
0 = uses the TOFF_DELAY value (TOFF_FALL is not supported by the ADP1050) to stop the
transfer of energy to the output.
1 = turns off the output and stops energy transfer to the output as fast as possible.
Rev. A | Page 51 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com