Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Data Sheet
ADP1050
LAYOUT GUIDELINES
This section explains best practices to ensure optimal performance
of the ADP1050. In general, place all components of the ADP1050
control circuit as close to the ADP1050 as possible. The OVP
and VS+ signals are referred to VS−. All other signals are referred
to the AGND plane.
CS1 PIN
Route the traces from the current sense transformer to the
ADP1050, parallel to each other. Keep the traces near each
other, but far away from the switch nodes.
VS+ AND VS− PINS
Route the traces from the remote voltage sense point to the
ADP1050 parallel to each other. Connect VS− to AGND, with
a low ohmic connection. Keep the traces near each other, but far
away from the switch nodes. Place a 100 nF capacitor from VS−
to AGND to reduce the common-mode noise. If VS− is connected
directly to AGND, the capacitor is not needed.
Place 10 Ω resistors between the PWM outputs and isolators or
drivers inputs, especially if the isolators and drivers are far from
the ADP1050. Keep the traces far away from the switch nodes.
VDD PIN
Place decoupling capacitors as close as possible to the ADP1050. A
2.2 μF capacitor connected from VDD to AGND is recommended.
VCORE PIN
Place a 330 nF decoupling capacitor from the VCORE pin to
AGND, as close as possible to the ADP1050.
RES PIN
Place a 10 kΩ (±0.1%) resistor from the RES pin to AGND, as
close as possible to the ADP1050.
SDA AND SCL PINS
Route the traces to the SDA and SCL pins parallel to each other.
Keep the traces near each other, but far away from the switch
nodes.
EXPOSED PAD
Solder the exposed pad under the ADP1050 to the PCB AGND
plane.
RTD PIN
Route the traces (including the ground returning trace) from
the thermistor to the ADP1050. Place the thermistor near the
hotspot of the power supply, and keep the thermistor and the
traces away from the switching node. Place the 1 nF filtering
capacitor nearby, in parallel with the thermistor.
AGND PIN
Create an AGND ground plane on the adjacent layer of the
ADP1050 and make a single-point (star) connection to the
power supply system ground.
Rev. A | Page 37 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com