Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Data Sheet
ADP1050
Table 115. Register 0xFE1B—CS1 Cycle-by-Cycle Current-Limit Reference
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
CS1 cycle-by-cycle
current-limit ref
R/W
0 = the CS1 cycle-by-cycle current-limit reference is 1.2 V.
1 = the CS1 cycle-by-cycle current-limit reference is 0.25 V.
[5:0]
Reserved
R/W
Reserved.
Table 116. Register 0xFE1D—Matched Cycle-by-Cycle Current-Limit Settings
Bits
Bit Name/Function
R/W
Description
7
Reserved
R/W
Reserved.
6
Enable matched cycle-
by-cycle current limit
R/W
Setting this bit enables the matched cycle-by-cycle current-limit function.
[5:2]
Reserved
R/W
Reserved.
1
OUTB rising edge
blanking
R/W
This bit specifies whether the blanking time for the CS1 cycle-by-cycle current-limit
comparator is referenced to the rising edge of OUTB.
0 = no blanking at the OUTB rising edge.
1 = blanking time referenced to the OUTB rising edge.
0
OUTA rising edge
blanking
R/W
This bit specifies whether the blanking time for the CS1 cycle-by-cycle current-limit
comparator is referenced to the rising edge of OUTA.
0 = no blanking at the OUTA rising edge.
1 = blanking time referenced to the OUTA rising edge.
Table 117. Register 0xFE1E—SR1 and SR2 Response to Cycle-by-Cycle Current Limit
Bits
Bit Name/Function
R/W
Description
[7:2]
Reserved
R/W
Reserved.
1
SR2 response to cycle-
by-cycle current limit
R/W
This bit is applicable only when the SR2 output is programmed to be in complement with the OUTA
output. When this bit is set and there is a cycle-by-cycle current limit, the SR2 rising edge is turned on
when the cycle-by-cycle current limit disables the OUTA. Its falling edge still follows the
programmed value.
0
SR1 response to cycle-
by-cycle current limit
R/W
This bit is applicable only when the SR1 output is programmed to be in complement with the OUTB
output. When this bit is set and there is a cycle-by-cycle current limit, the SR1 rising edge is turned on
when the cycle-by-cycle current limit disables the OUTB. Its falling edge still follows the
programmed value.
Rev. A | Page 77 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com