Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Data Sheet
ADP1050
VOLT-SECOND BALANCE CONTROL REGISTERS
Table 145. Register 0xFE54—Volt-Second Balance Control General Settings
Bits
Bit Name/Function
R/W
Description
7
Volt-second balance enable control
R/W
Setting this bit enables volt-second balance control.
[6:5]
Reserved
R/W
Reserved.
4
Volt-second balance control
source selection, OUTB
R/W
If this bit is set, OUTB rising edge is selected as the start of the integration period for
volt-second balance control.
3
Volt-second balance control
source selection, OUTA
R/W
If this bit is set, OUTA rising edge is selected as the start of the integration period for
volt-second balance control.
2
Volt-second balance control limit
R/W
This bit sets the maximum amount of modulation from the volt-second control circuit.
0 = ±160 ns.
1 = ±80 ns.
[1:0]
Volt-second balance control gain
R/W
These bits set the gain of the volt-second balance control. The gain can be changed by
a factor of 64. When these bits are set to 00, it takes approximately 700 ms to achieve
volt-second balance. When these bits are set to 11, it takes approximately 10 ms to
achieve volt-second balance.
Bit 1
Bit 0
Volt-Second Balance Loop Gain
0
0
1
0
1
4
1
0
16
1
1
64
Table 146. Register 0xFE55—Volt-Second Balance Control on OUTA and OUTB
Bits
Bit Name/Function
R/W
Description
7
tR2 balance setting
R/W
Setting this bit enables modulation from balancing control on the OUTB rising edge, tR2.
6
tR2 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tR2 right.
1 = negative sign. Increase of balancing control modulation moves tR2 left.
5
tF2 balance setting
R/W
Setting this bit enables modulation from balancing control on the OUTB falling edge, tF2.
4
tF2 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tF2 right.
1 = negative sign. Increase of balancing control modulation moves tF2 left.
3
tR1 balance setting
R/W
Setting this bit enables modulation from balancing control on the OUTA rising edge, tR1.
2
tR1 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tR1 right.
1 = negative sign. Increase of balancing control modulation moves tR1 left.
1
tF1 balance setting
R/W
Setting this bit enables modulation from balancing control on the OUTA falling edge, tF1.
0
tF1 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tF1 right.
1 = negative sign. Increase of balancing control modulation moves tF1 left.
Table 147. Register 0xFE57—Volt-Second Balance Control on SR1 and SR2
Bits
Bit Name/Function
R/W
Description
7
tR6 balance setting
R/W
Setting this bit enables modulation from balancing control on the SR2 rising edge, tR6.
6
tR6 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tR6 right.
1 = negative sign. Increase of balancing control modulation moves tR6 left.
5
tF6 balance setting
R/W
Setting this bit enables modulation from balancing control on the SR2 falling edge, tF6.
4
tF6 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tF6 right.
1 = negative sign. Increase of balancing control modulation moves tF6 left.
3
tR5 balance setting
R/W
Setting this bit enables modulation from balancing control on the SR1 rising edge, tR5.
2
tR5 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tR5 right.
1 = negative sign. Increase of balancing control modulation moves tR5 left.
1
tF5 balance setting
R/W
Setting this bit enables modulation from balancing control on the SR1 falling edge, tF5.
0
tF5 balance direction
R/W
0 = positive sign. Increase of balancing control modulation moves tF5 right.
1 = negative sign. Increase of balancing control modulation moves tF5 left.
Rev. A | Page 85 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com