Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Data Sheet
ADP1050
Table 122. Register 0xFE28—VF Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Trim polarity
R/W
0 = positive gain is introduced.
1 = negative gain is introduced.
[6:0]
VF trim
R/W
These bits set the amount of gain trim that is applied to the VF ADC reading. This register trims the
voltage at the VF pin for external resistor tolerances. When there is 1 V on the VF pin, this register is
trimmed until the VF value register reads 1280 decimal (0x500).
Table 123. Register 0xFE29—VIN_ON and VIN_OFF Delay
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved
5
VIN_UV_FAULT enable
R/W
Setting this bit enables the VIN_ON value and the VIN_OFF value used to generate the VIN_UV_FAULT flag.
4
Power conversion
stop delay
R/W
Sets the delay time from when the VIN_LOW flag is set to when the power conversion stops.
0 = 0 ms.
1 = 1 ms.
[3:2]
Power conversion
start delay
R/W
Sets the delay time from the clearing of the VIN_LOW flag to the start of the power conversion.
Bit 3
Bit 2
Delay Time (ms)
0
0
0
0
1
10
1
0
40
1
1
80
[1:0]
VIN_UV_FAULT flag
debounce
R/W
When Bit 5 is set, sets the VIN_UV_FAULT flag debounce time.
Bit 1
Bit 0
Typical Debounce Time (ms)
0
0
0
0
1
2.5
1
0
10
1
1
100
TEMPERATURE SENSE AND PROTECTION SETTING REGISTERS
Table 124. Register 0xFE2A—RTD Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Gain polarity
R/W
Setting this bit to 1 means that negative gain is introduced. Setting this bit to 0 means that
positive gain is introduced.
[6:0]
RTD gain trim
R/W
This value calibrates the RTD sensing gain.
Table 125. Register 0xFE2B—RTD Offset Trim (MSBs)
Bits
Bit Name/Function
R/W
Description
[7:3]
Reserved
R/W
Reserved.
2
RTD current source
disable
R/W
Setting this bit to 1 and writing 0x00 to Register 0xFE2D disables the RTD current source.
1
Trim polarity
R/W
Setting this bit to 1 means that negative offset is introduced. Setting this bit to 0 means that
positive offset is introduced.
0
RTD offset trim, MSB
R/W
This bit, together with Register 0xFE2C as the LSBs, sets the amount of offset trim that is applied to
the RTD ADC reading.
Table 126. Register 0xFE2C—RTD Offset Trim (LSBs)
Bits
Bit Name/Function
R/W
Description
[7:0]
RTD offset trim, LSBs
R/W
These eight bits, together with Bit 0 in Register 0xFE2B as the MSB, set the amount of offset trim
that is applied to the RTD ADC reading.
Rev. A | Page 79 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com