Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
ADP1050
Data Sheet
VOUT_SCALE_LOOP
The VOUT_SCALE_LOOP command is equal to the feedback resistor ratio. The nominal output voltage is set by a resistor divider and
the internal 1 V reference voltage. For example, if the nominal output voltage is 12 V, the VOUT_SCALE_LOOP value = 1 V/12 V =
0.08333 and the VOUT_SCALE_LOOP can be set as 0xA155.
Table 30. Register 0x29—VOUT_SCALE_LOOP
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: KR = Y × 2N.
N must be in the range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: KR = Y × 2N.
VOUT
KR
RESISTOR
DIVIDER
RATIO
ERROR
PROCESSING/
CONTROL LOOP
PMBus DEVICE
VOUT_
SCALE_
LOOP
VOUT_COMMAND
K
16
Figure 54. Conceptual View of the VOUT_SCALE_LOOP Command
VOUT_SCALE_MONITOR
This command is typically the same as the VOUT_SCALE_LOOP command. It is used for reading the output voltage with the READ_VOUT
command (Register 0x8B).
Table 31. Register 0x2A—VOUT_SCALE_MONITOR
Bits
Bit Name/Function
R/W
Description
[15:11]
Exponent
R/W
5-bit twos complement N value for linear format: KR = Y × 2N.
N must be in the range of −12 to 0 decimal.
[10:0]
Mantissa
R/W
11-bit twos complement Y value for linear format: KR = Y × 2N.
Rev. A | Page 56 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com