Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050ACPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADP1050ACPZ-R7
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Data Sheet
ADP1050
STATUS_BYTE
Table 50. Register 0x78—STATUS_BYTE
Bits
Bit Name/Function
R/W
Description
7
Reserved
R
Reserved.
6
POWER_OFF
R
This bit is asserted if the device is not providing power to the output, regardless of the reason,
including simply not being enabled.
5
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
4
Reserved
R
Reserved.
3
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
2
TEMPERATURE
R
A temperature fault or warning has occurred.
1
CML
R
A communications, memory, or logic fault has occurred.
0
NONE OF THE ABOVE
R
A fault or warning not listed in Bits[7:1] has occurred.
STATUS_WORD
Table 51. Register 0x79—STATUS_WORD
Bits
Bit Name/Function
R/W
Description
15
VOUT
R
Any bit asserted in STATUS_VOUT asserts this bit.
14
Reserved
R
Reserved.
13
INPUT
R
Any bit asserted in STATUS_INPUT asserts this bit.
12
Reserved
R
Reserved.
11
POWER_GOOD
R
POWER_GOOD is a negation of POWER_GOOD, which means that the output power is not good.
This bit is set when the sensed VOUT is less than the limit programmed in the POWER_GOOD_OFF
command. This bit is cleared when the sensed VOUT voltage is greater than the limit that is programmed
in the POWER_GOOD_ON command. This flag also triggers the PGOOD flag in Register 0xFEA0[6].
[10:7]
Reserved
R
Reserved.
6
POWER_OFF
R
This bit is asserted if the device is not providing power to the output, regardless of the reason,
including not being enabled.
5
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
4
Reserved
R
Reserved.
3
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
2
TEMPERATURE
R
An overtemperature fault or warning has occurred.
1
CML
R
A communications, memory, or logic fault has occurred.
0
NONE OF THE ABOVE
R
A fault or warning not listed in Bits[7:1] has occurred.
STATUS_VOUT
Table 52. Register 0x7A—STATUS_VOUT
Bits
Bit Name/Function
R/W
Description
7
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
[6:5]
Reserved
R
Reserved.
4
VOUT_UV_FAULT
R
An output undervoltage fault has occurred.
3
VOUT_MAX warning
An attempt was made to set the output voltage to a value greater than allowed by theVOUT_MAX command.
[2:0]
Reserved
R
Reserved.
STATUS_INPUT
Table 53. Register 0x7C—STATUS_INPUT
Bits
Bit Name/Function
R/W
Description
[7:5]
Reserved
R
Reserved.
4
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
3
VIN_LOW
R
The unit is off due to insufficient input voltage.
2
IIN_OC_FAST_FAULT
R
An input overcurrent fast fault has occurred.
[1:0]
Reserved
R
Reserved.
Rev. A | Page 63 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com