Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 18Page - National Semiconductor (TI) PC87372 Datasheet HTML 19Page - National Semiconductor (TI) PC87372 Datasheet HTML 20Page - National Semiconductor (TI) PC87372 Datasheet HTML 21Page - National Semiconductor (TI) PC87372 Datasheet HTML 22Page - National Semiconductor (TI) PC87372 Datasheet HTML 23Page - National Semiconductor (TI) PC87372 Datasheet HTML 24Page - National Semiconductor (TI) PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
22
www.national.com
Revision 1.2
1.4.12 Power and Ground
1.5 INTERNAL PULL-UP AND PULL-DOWN RESISTORS
The signals listed in Table 3 have internal pull-up (PU) and/or pull-down (PD) resistors. The internal resistors are optional
for those signals indicated as “Programmable”. See Section 10.3 on page 127 for the values of each resistor type.
XOR_OUT
30
O
O3/6
VDD3
XOR Tree Output. All the device pins (except power type and
analog type pins) are internally connected in a XOR tree
structure.
1. Because the strap function is multiplexed with the Serial Port pins, a CMOS transceiver device is recom-
mended for Serial Port functionality; in this case, the value of the external pull-down resistor is 10 K
Ω. If, how-
ever, a TTL transceiver device is used, the value of the external pull-down resistor must be 470
Ω, and since the
Serial Port pins are not able to drive this load, the external pull-down resistor must be disconnected tEPLV after
VDD3 power-up (see “VDD Power-Up Reset” on page 130).
Signal
Pin(s)
I/O Buffer Type
Power
Well
Description
VSS
8, 29, 46, 58,
78, 96, 110
I
GND
Ground. Ground connection for both core logic and I/O buffers,
for the Main and Standby power supplies.
VDD3
6, 31, 49, 60
I
PWR
Main 3.3V Power Supply. Powers the I/O buffers of the legacy
peripherals and the LPC interface.
VSB3
76, 93, 107
I
PWR
Standby 3.3V Power Supply. Powers the I/O buffers of the
GPIO ports, SWC, Glue Functions and the on-chip Core power
converter.
VCORF
97
I/O
PWR
On-chip Core Power Converter Filter. On-chip Core power
converter output. Powers the core logic of all the device
modules. An external 1
µF ceramic filter capacitor must be
connected between this pin and VSS.
Table 3. Internal Pull-Up and Pull-Down Resistors
Signal
Pin(s)
Power Well
Type
Comments
LPC Interface
LPCPD
52
VDD3
PU30
Parallel Port
ACK
36
VDD3
PU220
AFD_DSTRB
50
VDD3
PU440
BUSY_WAIT
35
VDD3
PD120
ERR
45
VDD3
PU220
INIT
48
VDD3
PU440
PE
34
VDD3
PU220/
PD120
Programmable
SLCT
33
VDD3
PD120
SLIN_ASTRB
47
VDD3
PU440
STB_WRITE
51
VDD3
PU440
Signal
Pin(s)
I/O Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com