Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 56Page - National Semiconductor (TI) PC87372 Datasheet HTML 57Page - National Semiconductor (TI) PC87372 Datasheet HTML 58Page - National Semiconductor (TI) PC87372 Datasheet HTML 59Page - National Semiconductor (TI) PC87372 Datasheet HTML 60Page - National Semiconductor (TI) PC87372 Datasheet HTML 61Page - National Semiconductor (TI) PC87372 Datasheet HTML 62Page - National Semiconductor (TI) PC87372 Datasheet HTML 63Page - National Semiconductor (TI) PC87372 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
60
www.national.com
Revision 1.2
3.14 FAN SPEED MONITOR (FSM) CONFIGURATION
3.14.1 General Description
This module includes two Fan Speed Monitor units (see Section 7 on page 95). The 10 runtime registers of the two functional
blocks are arranged in the address space shown in Table 24. The base address is 32-byte aligned. Address bits 0
−4 are
used to indicate the register offset.
3.14.2 Logical Device 9 (FSM) Configuration
Table 25 lists the configuration registers that affect the Fan Speed Monitor. Only the last register (F0h) is described here.
See Section 3.2.3 on page 32 for a detailed description of the other registers.
Table 24. Runtime Registers in FSM Address Space
Offset
Mnemonic
Register Name
Function
00h
FMTHRL1 Fan Monitor 1 Threshold Low
Fan Speed Monitor 1
01h
FMTHRH1 Fan Monitor 1 Threshold High
02h
FMSPRL1 Fan Monitor 1 Speed Low
03h
FMSPRH1 Fan Monitor 1 Speed High
04h
FMCSR1
Fan Monitor 1 Control & Status
05h
FMTHRL2 Fan Monitor 2 Threshold Low
Fan Speed Monitor 2
06h
FMTHRH2 Fan Monitor 2 Threshold High
07h
FMSPRL2 Fan Monitor 2 Speed Low
08h
FMSPRH2 Fan Monitor 2 Speed High
09h
FMCSR2
Fan Monitor 2 Control & Status
0Ah-1Fh Reserved
Table 25. FSM Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate. When bit 0 is cleared, the runtime registers of this logical device are
not accessible (see Section 3.3.1 on page 36).1
1. The logical device runtime registers are maintained and all detection mechanisms are functional.
R/W
VDD3
00h
60h
FSM Base Address MSB register
R/W
VDD3
00h
61h
FSM Base Address LSB register. Bits 4-0 (for A4-0) are read only, ‘00000’.
R/W
VDD3
00h
70h
Interrupt Number and Wake-Up on IRQ Enable register
R/W
VDD3
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
VDD3
03h
74h
Report no DMA assignment
RO
VDD3
04h
75h
Report no DMA assignment
RO
VDD3
04h
F0h
Fan Speed Monitor Configuration register (FSMCF)
R/W
VDD3
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com