Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) PC87372 Datasheet HTML 84Page - National Semiconductor (TI) PC87372 Datasheet HTML 85Page - National Semiconductor (TI) PC87372 Datasheet HTML 86Page - National Semiconductor (TI) PC87372 Datasheet HTML 87Page - National Semiconductor (TI) PC87372 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
84
www.national.com
Revision 1.2
6.3.8
Keyboard Data Shift Register (KDSR)
When keyboard wake-up detection is enabled, this register stores the keyboard data shifted in from the keyboard during
data transmission. It is reset to 00h.
Power Well: VSB3
Location:
Offset 06h
Type:
RO
6.3.9
Mouse Data Shift Register (MDSR)
When mouse wake-up detection is enabled, this register stores the mouse data shifted in from the mouse during data
transmission. It is reset to 00h.
Power Well: VSB3
Location:
Offset 07h (offset in PC8741x = 17h)
Type:
RO
6.3.10 PS2 Keyboard Key Data 0 to 7 Registers (PS2KEY0-7)
These eight registers (PS2KEY0-7) store the data bytes for Special Key Sequence or Password mode (KBDMODE = 00) or
for Power Management Keys mode (KBDMODE = 10) of the Keyboard/Mouse Wake-Up Detector.
In Special Key Sequence or in Password modes, the keyboard data is stored as follows:
q
PS2KEY0 register stores the data byte for the first key in the sequence.
q
PS2KEY1 register stores the data byte for the second key in the sequence.
q
PS2KEY2-7 registers store data bytes for the third to eighth key in the sequence.
For keyboard data storage in Power Management Keys mode, see Section 6.3.6 on page 82.
When one of these registers is set to 00h, it indicates that the value of the corresponding data byte is ignored (i.e., it is not
compared with the keyboard data). These registers are reset to 00h.
Power Well: VSB3
Location: Offset 08h to 0Fh
Type: R/W, RO
Bit
76
5
43210
Name
Keyboard Data
Reset
0
0
0
00000
Bit
Description
7-0
Keyboard Data.
Bit
76
5
43210
Name
Reserved
Mouse Data
Reset
0
0
0
00000
Bit
Description
7-3
Reserved.
2-0
Mouse Data.
Bit
76
5
43210
Name
Data Byte of Key
Reset
0
0
0
00000
Bit
Description
7-0
Data Byte of Key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com