Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) PC87372 Datasheet HTML 30Page - National Semiconductor (TI) PC87372 Datasheet HTML 31Page - National Semiconductor (TI) PC87372 Datasheet HTML 32Page - National Semiconductor (TI) PC87372 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
2.0 Power, Reset and Clocks (Continued)
29
www.national.com
Revision 1.2
2.4.2
XOR Tree Testing
When the PC87372 device is mounted on a board, it can be tested using the XOR Tree technique. This test also checks the
correct connection of the device pins to the board.
To enter XOR Tree mode, the TEST pin must be pulled low (by a 10 K
Ω resistor to V
SS), and the TRIS pin must be left
unconnected after both VDD3 and VSB3 power supplies are turned on. In addition, the PCI_RESET pin must be held low for
at least 10 ms (see VSB Power-Up Reset on page 129 and VDD Power-Up Reset on page 130). After PCI_RESET is de-
asserted, the device pins (including the PCI_RESET, TRIS and TEST pins) are connected in a XOR Tree configuration and
are isolated from the internal PC87372 functions.
In XOR Tree mode, all PC87372 device pins are configured as inputs, except the last pin in the tree, which is the XOR_OUT
output. The buffer type of the input pins participating in the XOR tree, is INT (Input, TTL compatible), regardless of the buffer
type of these pins in normal device operation mode (see Section 1.4 on page 14). The input pins are chained through XOR
gates, as shown in Figure 4. The power supply pins (VDD3,VSB3,VSS,VCORF), the analog pins (VSB5, REF5V,
REF5V_STBY), RSMRST and all “not connected” pins (N.C.) are excluded from the XOR tree.
Figure 4. XOR Tree (Simplified Diagram)
The XOR tree starts with pin 32, continues incrementally with pin 33 (the next pin in ascending order) through pins 116, 1,
and 28, and ends with pin 30 (XOR_OUT).
The maximum propagation delay through the XOR tree, from pin 32 to XOR_OUT is 200 ns.
VSUP
Pin 32
XOR_OUT
Pin 33
Pin 28
Pin 30
Pin 1
Pin 116
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com