Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 41Page - National Semiconductor (TI) PC87372 Datasheet HTML 42Page - National Semiconductor (TI) PC87372 Datasheet HTML 43Page - National Semiconductor (TI) PC87372 Datasheet HTML 44Page - National Semiconductor (TI) PC87372 Datasheet HTML 45Page - National Semiconductor (TI) PC87372 Datasheet HTML 46Page - National Semiconductor (TI) PC87372 Datasheet HTML 47Page - National Semiconductor (TI) PC87372 Datasheet HTML 48Page - National Semiconductor (TI) PC87372 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
45
www.national.com
Revision 1.2
3.8.3
FDC Configuration Register
This register is reset to 24h.
Power Well: VDD3
Location:
Indexes F0h and F8h
Type:
R/W
Bit
76543210
Name
Reserved
TDR
Register
Mode
DENSEL
Polarity
Control
FDC 2Mbps
Enable
Write
Protect
PC-AT or
PS/2 Drive
Mode Select
Reserved
TRI-STATE
Control
Reset
00100100
Bit
Description
7
Reserved.
6
TDR Register Mode.
0: PC-AT-Compatible Drive mode; i.e., bits 7-2 of the TDR are ‘111111’ (default)
1: Enhanced Drive mode
5
DENSEL Polarity Control.
0: Active low for 500 Kbps or 1 or 2 Mbps data rates
1: Active high for 500 Kbps or 1 or 2 Mbps data rates (default)
4
FDC 2Mbps Enable. This bit is set only when a 2 Mbps drive is used.
0: 2 Mbps disabled and the FDC clock is 24 MHz (default)
1: 2 Mbps enabled and the FDC clock is 48 MHz
3
Write Protect. This bit enables forcing of write protect functionality by software. When set, writes to the floppy
disk drive are disabled. This effect is identical to an active WP signal.
0: Write protected according to WP signal (default)
1: Write protected regardless of value of WP signal
2
PC-AT or PS/2 Drive Mode Select.
0: PS/2 Drive mode
1: PC-AT Drive mode (default)
1
Reserved.
0
TRI-STATE Control. When this bit is set to 1 and the logical device is inactive, the logical device output pins are
in TRI-STATE (see Section 3.3.2 on page 37).
0: Normal outputs (default)
1: TRI-STATE outputs when the logical device is inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com