Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 59Page - National Semiconductor (TI) PC87372 Datasheet HTML 60Page - National Semiconductor (TI) PC87372 Datasheet HTML 61Page - National Semiconductor (TI) PC87372 Datasheet HTML 62Page - National Semiconductor (TI) PC87372 Datasheet HTML 63Page - National Semiconductor (TI) PC87372 Datasheet HTML 64Page - National Semiconductor (TI) PC87372 Datasheet HTML 65Page - National Semiconductor (TI) PC87372 Datasheet HTML 66Page - National Semiconductor (TI) PC87372 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
63
www.national.com
Revision 1.2
5.0
General-Purpose Input/Output (GPIO) Ports
This chapter describes one 8-bit port. A device may include a combination of several ports with different implementations.
For device specific implementation, see Section 3.13 on page 55.
5.1 OVERVIEW
The GPIO port is an 8-bit port, connected to eight pins. It features:
• Software capability to control and read pin levels.
• Flexible system notification by several means, based on the pin level or level transition.
• Ability to capture and route events and their associated status.
• Back-drive protected pins.
GPIO port operation is associated with two sets of registers:
• Pin Configuration registers mapped in the Device Configuration space. These registers are used to configure the logical
behavior of each pin. There are three registers for each GPIO pin: GPIO Pin Configuration registers 1 and 2 (GPCFG1,
GPCFG2) and the GPIO Pin Event Routing register (GPEVR).
• Four 8-bit runtime registers: GPIO Data Out (GPDO), GPIO Data In (GPDI), GPIO Event Enable (GPEVEN) and GPIO
Event Status (GPEVST). These registers are mapped in the GPIO device I/O space (which is determined by the base
address registers in the GPIO Device Configuration). They are used to control and/or read the pin values and to handle
system notification. Each runtime register corresponds to the 8-pin port, such that bit ‘n’ in each one of the four registers
is associated with GPIOXn pin, where ‘X’ is the port number.
• An additional optional runtime register: GPIO Data In/Out (GPDIO). This register is also mapped in the GPIO device I/O
space, but at a separate location from the above group of four runtime registers. It contains the same data-out value as
the GPDO register and the same data-in value as the GPDI register.
Each GPIO pin is associated with configuration bits and the corresponding bit slice of the four runtime registers, as shown
in Figure 9.
Figure 9. GPIO Port Architecture
GPIO Pin
GPIO Pin
Select (GPSEL)
Configuration 1 and 2
GPDOX
GPDIX
GPEVENX
GPEVSTX
Runtime
Registers
GPIOX Base Address
Event
Bit n
Port and Pin
8 GPCFG
Registers
x8
GPIOXn
Pin
x8
GPIOXn CNFG
Interrupt Request
x8
GPIOXn
Port Logic
X = port number
n = pin number (0 to 7)
Pending
Indication
GPIO Pin Event
Routing (GPEVR)
8 GPEVR
Registers
GPIOXn ROUTE
Select
Event
Routing
Control
Registers
Register
Register
(GPCFG1 and GPCFG2)
SWC
SIOPME
GPIO
GPDIOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com