Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 37Page - National Semiconductor (TI) PC87372 Datasheet HTML 38Page - National Semiconductor (TI) PC87372 Datasheet HTML 39Page - National Semiconductor (TI) PC87372 Datasheet HTML 40Page - National Semiconductor (TI) PC87372 Datasheet HTML 41Page - National Semiconductor (TI) PC87372 Datasheet HTML 42Page - National Semiconductor (TI) PC87372 Datasheet HTML 43Page - National Semiconductor (TI) PC87372 Datasheet HTML 44Page - National Semiconductor (TI) PC87372 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
41
www.national.com
Revision 1.2
3.7.3
SuperI/O Configuration 2 Register (SIOCF2)
Power Well: VSB3
Location:
Index 22h
Type:
R/W or RO
3.7.4
SuperI/O Configuration 6 Register (SIOCF6)
This register provides a fast way to disable one or more modules without having to access the Activate register of each (see
Section 3.3.1 on page 36).
Power Well: VDD3
Location:
Index 26h
Type:
Varies per bit
Bit
76
5
43210
Name
PMEPOL
PMETYPE
TACH2EN
TACH1EN
Reserved
GPIO03EN
Reset
0
0
0
00000
Bit
Description
7
PMEPOL (SIOPME Polarity). Selects the polarity of the SIOPME signal.
0: SIOPME is active low (default)
1: SIOPME is active high
6
PMETYPE (SIOPME Buffer Type). Selects the output buffer type of the SIOPME pin.
0: Output is open-drain and the pull-up resistor is enabled (default)
1: Output is push-pull (the pull-up resistor is disabled)
5
TACH2EN (FANTACH2 Multiplex Control). Selects the function connected to pin 112.
0: GPIOE07 port: GPIO (default)
1: FANTACH2: FSM
4
TACH1EN (FANTACH1 Multiplex Control). Selects the function connected to pin 111.
0: GPIOE06 port: GPIO (default)
1: FANTACH1: FSM
3-1
Reserved.
0
GPIO03EN (GPIOE10-GPIOE13 Multiplex Control). Selects the functions connected to pins 113-116.
0: 5V_DDCSDA, 5V_DDCSCL, 3V_DDCSDA, 3V_DDCSCL: Glue Functions (default)
1: GPIOE10-GPIOE13 ports: GPIO
Bit
76
5
43210
Name
LOCKFDS
General-Purpose
Scratch
Reserved
SERDIS
Reserved
PARPDIS
FDCDIS
Reset
0
0
0
00000
Bit
Type
Description
7
R/W1S LOCKFDS (Lock Fast Disable Configuration). When set to 1, this bit locks itself, SERDIS, PARPDIS
and FDCDIS bits in this register and GLOBEN bit in SIOCF1 register by disabling writing to all of these
bits. Once set, this bit can be cleared by VDD3 Power-Up reset (or Hardware reset).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-5
R/W
General-Purpose Scratch.
4
−
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com