Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 33Page - National Semiconductor (TI) PC87372 Datasheet HTML 34Page - National Semiconductor (TI) PC87372 Datasheet HTML 35Page - National Semiconductor (TI) PC87372 Datasheet HTML 36Page - National Semiconductor (TI) PC87372 Datasheet HTML 37Page - National Semiconductor (TI) PC87372 Datasheet HTML 38Page - National Semiconductor (TI) PC87372 Datasheet HTML 39Page - National Semiconductor (TI) PC87372 Datasheet HTML 40Page - National Semiconductor (TI) PC87372 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
37
www.national.com
Revision 1.2
3.3.2
Floating Module Output
The pins of the Legacy modules (Serial Port, Parallel Port, Floppy Disk Controller, Keyboard and Mouse Controller) can be
floated. When the TRI-STATE Control bit (bit 0) is set in the specific module configuration register (at index F0h of the spe-
cific Logical Device in the configuration space) and the module is disabled (see Section 3.3.1), the module output signals
are floated and the I/O signals are configured as inputs (note that the logic level at the inputs is ignored by the module, which
is disabled).
Figure 7 shows the control mechanism for floating the pins of a Legacy module.
Figure 7. Control of Floating Legacy Module Pins
3.4 INTERNAL ADDRESS DECODING
A full 16-bit address decoding is applied when accessing the configuration I/O space as well as the registers of the functional
blocks. However, the number of configurable bits in the base address registers varies for each logical device.
The lower 1, 2, 3, 4 or 5 address bits are decoded in the functional block to determine the offset of the accessed register
within the logical device’s I/O range of 2, 4, 8, 16 or 32 bytes, respectively. The rest of the bits are matched with the base
address register to decode the entire I/O range allocated to the logical device. Therefore, the lower bits of the base address
register are forced to 0 (read only), and the base address is forced to be 2, 4, 8, 16 or 32 byte-aligned, according to the size
of the I/O range.
The base address of the FDC, Serial Port and KBC are limited to the I/O address range of 00h to 7FXh only (bits 15-11 are
forced to 0). The Parallel Port base address is limited to the I/O address range of 00h to 3F8h. The addresses all of the non-
legacy logical devices, including the FSM, SWC and GPIO, are configurable within the full 16-bit address range (up to
FFFXh).
In some special cases, other address bits are used for internal decoding (such as bit 2 in the KBC and bit 10 in the Parallel
Port). The KBC has two I/O base addresses with some implied dependency between them. For more details, see the de-
scription of the base address register for each logical device.
Fast
Disable
xxxDIS1
Register
SIOCF6
TRI-
STATE
Control
Register
Configuration
Global
Enable
GLOBEN
Register
SIOCF1
Activation
Bit (bit 0)
Register
Index 30h
Device Configuration
Legacy Module
Module
Enable
Module
(Index F0h)
Legacy
Enable
Output
Buffer
1. Wherever the bit is implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com