Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 67Page - National Semiconductor (TI) PC87372 Datasheet HTML 68Page - National Semiconductor (TI) PC87372 Datasheet HTML 69Page - National Semiconductor (TI) PC87372 Datasheet HTML 70Page - National Semiconductor (TI) PC87372 Datasheet HTML 71Page - National Semiconductor (TI) PC87372 Datasheet HTML 72Page - National Semiconductor (TI) PC87372 Datasheet HTML 73Page - National Semiconductor (TI) PC87372 Datasheet HTML 74Page - National Semiconductor (TI) PC87372 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
71
www.national.com
Revision 1.2
6.2 FUNCTIONAL DESCRIPTION
6.2.1
External Events
General-Purpose Input/Output Events
The PC87372 device supports 12 VSB3-powered General-Purpose Input/Output events through ports GPIOE00-07 and
GPIOE10-13. VDD3- and VSB3-powered signals can be connected to the GPIO pins to become sources of external events.
AVDD3-powered signal, when used to generate an event, is internally disabled for event generation while VDD3 power is off.
It is also disabled for event generation for tEWIV after VDD3 power is restored (see Wake-Up Inputs at VDD3 Power Switching
on page 143), which prevents the detection of false events during power transitions and while the signal driver is unpowered.
For the same reasons, a VSB3-powered signal used to generate an event is enabled only tEWIV after VSB3 power is on. (When
VSB3 is off, the whole SWC module is disabled.)
Each GPIOE pin has both programmable polarity and an optional debouncer (see Figure 14). The debouncer is enabled
after the reset but can be disabled by software. The debouncing time is longer than 16 ms.
A GPIO event can generate the system interrupt (IRQ) if the event is both enabled and routed to IRQ. The status, event
enable and pending event routing bits to IRQ are implemented in the GPIO Port module (see Section 5.3 on page 65). The
status bit is set when an event of the programed type (edge or level) is detected.
A GPIO event can also generate the Power Management SCI interrupt (SIOPME). The status and event enable bits are im-
plemented in the SWC module (see Figures 14 and 15).
An active level-type event sets the status bit in registers GPE1_STS_0 for ports GPIOE07-00 and GPE1_STS_1 for ports
GPIOE13-10 (see Sections 6.4.4 and 6.4.5 on page 87). The status bit remains set even after the event becomes inactive.
The status bit is cleared only when the software writes 1 to the bit. If the event is still active when software writes 1, the status
bit remains set.
After changing the GPIOE1x pin multiplexing, clear the relevant bits in the GPE1_STS_1 register, to prevent false events
(caused by the pin multiplexing switch) from generating a wake-up event.
Figure 14. GPIO Events
Event
Enable
Event Polarity
Input
Debouncer
GPIO Event Status
Internal
Bus
0
1
Pin
Write 1 to Clear
Status
GPIO Pin Configuration Register 1
Event
Debounce
Enable
Bit 6
Bit 5
(GPCFG1)
Reset
Set
GPIO Ports Module
Read
GPIO
IRQ
Routing
Control
Status
GPIO
GPIO Ports Module
SWC
SWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com