Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 45Page - National Semiconductor (TI) PC87372 Datasheet HTML 46Page - National Semiconductor (TI) PC87372 Datasheet HTML 47Page - National Semiconductor (TI) PC87372 Datasheet HTML 48Page - National Semiconductor (TI) PC87372 Datasheet HTML 49Page - National Semiconductor (TI) PC87372 Datasheet HTML 50Page - National Semiconductor (TI) PC87372 Datasheet HTML 51Page - National Semiconductor (TI) PC87372 Datasheet HTML 52Page - National Semiconductor (TI) PC87372 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
49
www.national.com
Revision 1.2
3.9.4
Parallel Port Modified Configuration Register
This register is reset to 07h.
Power Well: VDD3
Location:
Index F8h
Type:
R/W
Bit
76543210
Name
Reserved
Parallel Port Mode Select
Reset
00000111
Bit
Description
7-4
Reserved.
3-0
Parallel Port Mode Select. The mode selected by writing to these bits, is reflected by bits 7-5 in the Parallel
Port Standard Configuration Register (see Section 3.9.3 on page 48).
Bits
3 2 1 0
Mode
0001:
SPP Extended mode. PD7-0 direction is controlled by software
0010:
EPP 1.9 mode
0100:
ECP mode (IEEE1284 register set), with no support for EPP mode
1000:
SPP-Compatible mode. PD7-0 are always output signals
0111:
ECP mode (IEEE1284 register set), with EPP mode selectable as mode “0100” (default)
1010:
EPP 1.7 mode
Other:
Reserved (writing a reserved value causes unpredictable behavior of the Parallel Port)
Selection of EPP 1.7 or 1.9 in ECP mode “0100” is controlled by bit 4 of Control2 configuration register of the
Parallel Port at offset 02h.
Note: Before setting bits 3-0, enable the Parallel Port and set CTR/DCR (at base address + 2) to C4h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com