Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 14Page - National Semiconductor (TI) PC87372 Datasheet HTML 15Page - National Semiconductor (TI) PC87372 Datasheet HTML 16Page - National Semiconductor (TI) PC87372 Datasheet HTML 17Page - National Semiconductor (TI) PC87372 Datasheet HTML 18Page - National Semiconductor (TI) PC87372 Datasheet HTML 19Page - National Semiconductor (TI) PC87372 Datasheet HTML 20Page - National Semiconductor (TI) PC87372 Datasheet HTML 21Page - National Semiconductor (TI) PC87372 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
18
www.national.com
Revision 1.2
1.4.5
Keyboard and Mouse Controller (KBC)
1.4.6
General-Purpose I/O (GPIO)
1.4.7
Fan Speed Monitor (FSM)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
KBCLK
3
I/O
INTS/OD14
VDD3
Keyboard Clock. Keyboard clock signal. External pull-up resistor
is required for PS/2 compliance. This pin is monitored during
VDD3 power-off for wake-up event detection.
KBDAT
4
I/O
INTS/OD14
VDD3
Keyboard Data. Keyboard data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MCLK
1
I/O
INTS/OD14
VDD3
Mouse Clock. Mouse clock signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MDAT
2
I/O
INTS/OD14
VDD3
Mouse Data. Mouse data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
KBRST
7
I/O
INT/OD8,
O4/8
VDD3
KBD Reset. Keyboard reset (P20) quasi-bidirectional output.
GA20
5
I/O
INT/OD8,
O4/8
VDD3
Gate A20. KBC gate A20 (P21) quasi-bidirectional output.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00-07 103-106,
108-109,
111-112
I/O
INTS/
OD8,O4/8
VSB3
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O, with or without static pull-up and
with either open-drain or push-pull output type. These pins
have event detection capability to generate a wake-up event
or an interrupt.
GPIOE10-13 116, 114,
115, 113
GPIO14
101
I/O
INTS/
OD12,O2/12
General-Purpose I/O Port. This pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
FANTACH1
FANTACH2
111,
112
IINTS
VDD3
Fan Tachometer Inputs. Input to the Fan Speed Monitor for the
fan tachometer pulse. The rising edge indicates the completion of
either a half or full fan revolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com