Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 88Page - National Semiconductor (TI) PC87372 Datasheet HTML 89Page - National Semiconductor (TI) PC87372 Datasheet HTML 90Page - National Semiconductor (TI) PC87372 Datasheet HTML 91Page - National Semiconductor (TI) PC87372 Datasheet HTML 92Page - National Semiconductor (TI) PC87372 Datasheet HTML 93Page - National Semiconductor (TI) PC87372 Datasheet HTML 94Page - National Semiconductor (TI) PC87372 Datasheet HTML 95Page - National Semiconductor (TI) PC87372 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
92
www.national.com
Revision 1.2
6.4.11 General-Purpose Enable 1 Register 3 (GPE1_EN_3)
This register contains “child” events 24-31 of the GPE1_EN register.
The enable bits behave according to the Enable Bit definition in the ACPI Specification (i.e., the bit can be read or written
by software).
Power Well: VSB3
Location:
Offset 0Fh
Type:
R/W
Bit
76543210
Name
Reserved
MOD_IRQ
_EN
MS_IRQ
_EN
KBD_IRQ
_EN
Reserved
Reset
00000000
Bit
Description
7-5
Reserved.
4
MOD_IRQ_EN (Modules IRQ Event Enable). Enables an active IRQ from one of the Legacy modules or the
Fan Speed Monitor to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of an active IRQ from one of the Legacy modules or the Fan Speed Monitor to set PME_STS
3
MS_IRQ_EN (Mouse IRQ Event Enable). Enables an IRQ generated by the mouse interface section of the
KBC module to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of an IRQ generated by the mouse interface section of the KBC module to set PME_STS
2
KBD_IRQ_EN (Keyboard IRQ Event Enable). Enables an IRQ generated by the keyboard interface section of
the KBC module to set PME_STS bit in GPE1_STS register.
0: Disable event (default)
1: Enable event of an IRQ generated by the keyboard interface section of the KBC module to set PME_STS
1-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com