Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 15Page - National Semiconductor (TI) PC87372 Datasheet HTML 16Page - National Semiconductor (TI) PC87372 Datasheet HTML 17Page - National Semiconductor (TI) PC87372 Datasheet HTML 18Page - National Semiconductor (TI) PC87372 Datasheet HTML 19Page - National Semiconductor (TI) PC87372 Datasheet HTML 20Page - National Semiconductor (TI) PC87372 Datasheet HTML 21Page - National Semiconductor (TI) PC87372 Datasheet HTML 22Page - National Semiconductor (TI) PC87372 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
19
www.national.com
Revision 1.2
1.4.8
System Wake-Up Control (SWC)
1.4.9
Clocks
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00-07,
GPIOE10-13
103-106,
108-109,
111-116
IINTS
VSB3
Wake-Up Inputs. Generates a wake-up event. These pins
have programmable debouncing. When GPIOE functionality of
a pin is not required, the internal pull-up resistor must be
enabled to allow the pin to be left floating.
RI
32
I
INTS
VSB3
Ring Indicator Wake-Up. When low, generates a wake-up
event, indicating that a telephone ring signal was received by
the modem.
KBCLK
3
I
INTS
VSB3
Keyboard Clock Wake-Up. Generates a wake-up event,
when a specific keyboard sequence is detected.
KBDAT
4
I
INTS
VSB3
Keyboard Data Wake-Up. Generates a wake-up event, when
a specific keyboard sequence is detected.
MCLK
1
I
INTS
VSB3
Mouse Clock Wake-Up. Generates a wake-up event, when a
specific mouse action is detected.
MDAT
2
I
INTS
VSB3
Mouse Data Wake-Up. Generates a wake-up event, when a
specific mouse action is detected.
SIOPME
99
O
OD6,O3/6
VSB3
Power Management Event (SCI). Active level indicates that a
wake-up event occurred, causing the system to exit its current
sleep state. This signal has programmable polarity (default is
active low).
SLP_S3,
SLP_S5
85
86
IINTS4
VSB3
Sleep States 3 to 5. Active (low) level indicates the system is
in one of the sleep states S3 or S5. These signals are
generated by an external ACPI controller.
Pins
SLPS3 SLPS5
Functionality
1
1:
Working state (S0) or Sleep states S1 or S2
0
1:
Sleep state S3
0
0:
Sleep state S5
1
0:
Illegal combination
YLW_LED,
GRN_LED
95, 94
O
OD24
VSB3
Power LEDs. Yellow and green LED drivers. Each indicates
the Main power status or blinks under software control.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CLOCKI32
91
I
INTS
VSB3
Low-Frequency Clock Input. 32.768 KHz clock for the SWC
and Glue Functions timing.
CLOCKI14
65
I
INTS
VDD3
High-Frequency Clock Input. 14.31818 MHz clock for the on-
chip, 48 MHz Clock Generator (for the Legacy modules and
FSM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com