Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 24Page - National Semiconductor (TI) PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) PC87372 Datasheet HTML 30Page - National Semiconductor (TI) PC87372 Datasheet HTML 31Page - National Semiconductor (TI) PC87372 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
2.0 Power, Reset and Clocks (Continued)
28
www.national.com
Revision 1.2
2.3.2
48 MHz Domain
The 48 MHz clock domain is sourced by the on-chip Clock Generator (supplied by the Main power plane).
Following a VDD Power-Up reset, the software waits a period of t14MW +t14MVAL until a valid 14.31818 MHz clock signal is
available at the CLOCKI14 pin. Then, the software can set the HFCGEN bit in the CLOCKCF register to 1. This bit enables
the operation of the Clock Generator.
After the Clock Generator is enabled for operation, its output clock is frozen to a low level until the generator provides an
internal clock signal that meets all requirements. When the requirements are met, the 48 MHz clock domain starts toggling.
The status of the Clock Generator output clock is indicated by CKVALID bit in CLOCKCF register. While the Clock Generator
is stabilizing, this bit is 0, indicating a 48 MHz clock domain frozen at low level. After t48MD, the 48 MHz clock domain starts
toggling and this bit is set to 1. The software must wait for CKVALID bit to be set before it enables the FSM or the Legacy
functions (Serial Port, Parallel Port, FDC, KBC).
The on-chip Clock Generator multiplies the frequency of the clock signal (received through the CLOCKI14 pin) by a constant
value to obtain the 48 MHz output frequency.
Figure 3 shows a simplified diagram of the 32 KHz and the 48 MHz clock domains.
Figure 3. 32 KHz and 48 MHz Clock Domains (Simplified Diagram)
2.3.3
32 KHz Domain
The 32 KHz clock domain, and the modules using it, are supplied by the Standby and Core power planes. Therefore, this
clock domain is active whenever the VSB3 and VCORF power supplies are on.
The 32 KHz clock domain is sourced by the CLOCKI32 pin. The clock signal from the CLOCKI32 pin passes through a Clock
Filter. The 32 KHz clock domain signal is held low by the 32KVAL output of the Clock Filter until a valid 32.768 KHz clock is
available at the CLOCKI32 pin. The 32 KHz clock domain signal starts toggling t32KW +t32KVAL after VSB3 Power-Up (Low-
Frequency Clock Timing on page 132).
2.4 TESTABILITY SUPPORT
The PC87372 device supports two testing techniques:
• In-Circuit Testing (ICT)
• XOR Tree Testing
2.4.1
ICT
The In-Circuit Testing (ICT) technique, also known as “bed-of-nails”, injects logic patterns to the input pins of the devices
mounted on the tested board. It then checks their outputs for the correct logic levels.
The PC87372 supports this testing technique by floating (putting in TRI-STATE) all the device pins. This prevents “back-
driving” the PC87372 pins by the ICT tester when a device normally controlled by PC87372 is tested (device inputs are driven
by the ICT tester).
To enter TRI-STATE mode, the TRIS pin must be pulled low (by a 10 K
Ω resistor to V
SS), and the TEST pin must be left
unconnected after both VDD3 and VSB3 power supplies are turned on. In addition, the PCI_RESET pin must be held low for
at least 10 ms (see VSB Power-Up Reset on page 129 and VDD Power-Up Reset on page 130). After PCI_RESET is de-
asserted, all the device output and I/O pins are floated (put in TRI-STATE); exceptions to this are the power supply pins
(VDD3,VSB3,VSS,VCORF), analog pins (VSB5, REF5V, REF5V_STBY), RSMRST and all “not connected” (N.C.) pins, which
do not float in TRI-STATE mode.
Clock
Generator
14.31818 MHz
CLOCKI14
Functions
Internal
48 MHz
CKVALID
EN
(VDD3)
CLOCKI32
Functions
Internal
Filter
Clock
32.768 KHz
32.768 KHz
32KVAL
32 KHz Domain
48 MHz Domain
HFCGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com