Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 9Page - National Semiconductor (TI) PC87372 Datasheet HTML 10Page - National Semiconductor (TI) PC87372 Datasheet HTML 11Page - National Semiconductor (TI) PC87372 Datasheet HTML 12Page - National Semiconductor (TI) PC87372 Datasheet HTML 13Page - National Semiconductor (TI) PC87372 Datasheet HTML 14Page - National Semiconductor (TI) PC87372 Datasheet HTML 15Page - National Semiconductor (TI) PC87372 Datasheet HTML 16Page - National Semiconductor (TI) PC87372 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
13
www.national.com
Revision 1.2
1.3 PIN MULTIPLEXING
Table 2 shows only multiplexed pins, their associated functional blocks and the configuration bits for the selection of the
multiplexed options used in the PC87372.
Table 2. Pin Multiplexing Configuration
Pin
Default
Signal
Function
Block
Alternate
Signal
Function
Block
Alternate
Signal
Function
Block
Configuration
Select
Strap or
Wake-Up
Function
Block
30 DTR_BOUT1
Serial
Port
XOR_OUT
Config
TEST (strap)
BADDR
Config
(Straps)
26 RTS
TRIS
27 SOUT
TEST
32 RI
RI
SWC
3 KBCLK
KBC
KBCLK
4 KBDAT
KBDAT
1 MCLK
MCLK
2MDAT
MDAT
103 GPIOE00
GPIO
GPIOE00
104 GPIOE01
GPIOE01
105 GPIOE02
GPIOE02
106 GPIOE03
GPIOE03
108 GPIOE04
GPIOE04
109 GPIOE05
GPIOE05
111 GPIOE06
FANTACH1
FSM
SIOCF2.TACH1EN
GPIOE06
112 GPIOE07
FANTACH2
SIOCF2.TACH2EN
GPIOE07
116 5V_DDCSDA
Glue
Functions
GPIOE10
GPIO
SIOCF2.GPIO03EN
GPIOE10
114 5V_DDCSCL
GPIOE11
GPIOE11
115 3V_DDCSDA
GPIOE12
GPIOE12
113 3V_DDCSCL
GPIOE13
GPIOE13
101
CDC_DWN_
ENAB
GPIO14
Note1
1. Both CDC_DWN_ENAB and GPIO14 are simultaneously available at the device pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com