Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 84Page - National Semiconductor (TI) PC87372 Datasheet HTML 85Page - National Semiconductor (TI) PC87372 Datasheet HTML 86Page - National Semiconductor (TI) PC87372 Datasheet HTML 87Page - National Semiconductor (TI) PC87372 Datasheet HTML 88Page - National Semiconductor (TI) PC87372 Datasheet HTML 89Page - National Semiconductor (TI) PC87372 Datasheet HTML 90Page - National Semiconductor (TI) PC87372 Datasheet HTML 91Page - National Semiconductor (TI) PC87372 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
88
www.national.com
Revision 1.2
6.4.6
General-Purpose Status 1 Register 2 (GPE1_STS_2)
This register contains “child” events 16-23 of the GPE1_STS register.
The status bits behave according to the Sticky status bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 0Ah
Type:
R/W1C
Bit
76543210
Name
KBD_EVT3
_STS
KBD_EVT2
_STS
KBD_EVT1
_STS
MS_EVT
_STS
KBD_ANYK
_STS
RI_EVT
_STS
Reserved
Reset
00000000
Bit
Description
7
KBD_EVT3_STS (Keyboard Event 3 Status). Indicates that “PM Key 3” was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. This bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Power Management Keys mode (see Section 6.3.6 on page 82). Writing 1 clears this bit; writing 0
is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 3” key was pressed on the keyboard
6
KBD_EVT2_STS (Keyboard Event 2 Status). Indicates that “PM Key 2” was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. This bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Power Management Keys mode (see Section 6.3.6 on page 82). Writing 1 clears this bit; writing 0
is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 2” key was pressed on the keyboard
5
KBD_EVT1_STS (Keyboard Event 1 Status). This bit indicates that a keyboard event occurred and was
identified by the Keyboard/Mouse Wake-Up Detector. The event type depends on the selected operation mode
for the Keyboard/Mouse Wake-Up Detector (see Sections 6.3.6 and 6.3.7 on page 82.):
q
Pressing any key or a sequence of special keys in Special Key Sequence mode
q
Pressing a sequence of keys in Password mode
q
Pressing the “PM Key 1” in Power Management Keys mode
Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
4
MS_EVT_STS (Mouse Event Status). Indicates that a mouse event occurred and was identified by the
Keyboard/Mouse Wake-Up Detector (see Section 6.3.7 on page 83). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A mouse event occurred
3
KBD_ANYK_STS (Keyboard Any-Key Status). This bit indicates that any key was pressed and that the event
was identified by the Keyboard/Mouse Wake-Up Detector. This bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Fast Any-Key mode (see Section 6.3.6 on page 82). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
2
RI_EVT_STS (RI Event Status). Indicates that a telephone ring signal was received at the Serial Port and the
event was identified by the RI Wake-Up Detector. This bit is set by a high-to-low transition at the RI pin (see
Section 6.2.1 on page 71). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at the Serial Port
1-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com