Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 79Page - National Semiconductor (TI) PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) PC87372 Datasheet HTML 84Page - National Semiconductor (TI) PC87372 Datasheet HTML 85Page - National Semiconductor (TI) PC87372 Datasheet HTML 86Page - National Semiconductor (TI) PC87372 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
83
www.national.com
Revision 1.2
6.3.7
PS2 Protocol Control Register (PS2CTL)
This register configures the keyboard and mouse events detected by the Keyboard/Mouse Wake-Up Detector. It is reset
to 10h.
Power Well: VSB3
Location:
Offset 05h
Type:
R/W or RO
Bit
76
5
43210
Name
DISPAR
MSEVCFG
KBEVCFG
Reset
0
0
0
10000
Bit
Description
7
DISPAR (Disable Parity Check). This controls the parity checking of the keyboard and mouse data by the
Keyboard/Mouse Wake-Up Detector.
0: Enable parity check (default)
1: Disable parity check
6-4
MSEVCFG (Mouse Event Configuration). These bits configure the mouse data sequence for the Mouse event.
Before setting them to a new value, these bits must be cleared by writing a value of ‘000’.
Bits
6 5 4
Event Configuration
0 0 0:
Disable mouse wake-up detection
0 0 1:
Wake-up on any mouse movement or button click (default)
0 1 0:
Wake-up on left button click
0 1 1:
Wake-up on left button double-click
1 0 0:
Wake-up on right button click
1 0 1:
Wake-up on right button double-click
1 1 0:
Wake-up on any button single-click (left, right or middle)
1 1 1:
Wake-up on any button double-click (left, right or middle)
3-0
KBEVCFG (Keyboard Event Configuration). These bits configure the keyboard data sequence for the
Keyboard event indicating that any key or key sequence was pressed on the keyboard. The setting of the
KBEVCFG field is relevant only if the Keyboard/Mouse Wake-Up Detector is in either Special Key Sequence or
Password mode (KBDMODE = 00). The keyboard data sequence used to detect a Keyboard Event is stored in
registers PS2KEY0-7, starting with PS2KEY0. Before setting them to a new value, the KBEVCFG field must be
cleared by writing a value of ‘0000’.
Bits
3 2 1 0
Event Configuration
0 0 0 0 :
Disable keyboard wake-up detection (default)
0 0 0 1
to
0 1 1 1
1 0 0 0
to
1 1 1 1
} SpecialKeySequencemodeconsistingoffromtwotoeightPS/2databytes,“Make”and
“Break” codes (including Shift and Alt keys)
Password Enabled mode with consisting of from one to eight keys “Make” code (excluding Shift
and Alt keys)
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com