Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 38Page - National Semiconductor (TI) PC87372 Datasheet HTML 39Page - National Semiconductor (TI) PC87372 Datasheet HTML 40Page - National Semiconductor (TI) PC87372 Datasheet HTML 41Page - National Semiconductor (TI) PC87372 Datasheet HTML 42Page - National Semiconductor (TI) PC87372 Datasheet HTML 43Page - National Semiconductor (TI) PC87372 Datasheet HTML 44Page - National Semiconductor (TI) PC87372 Datasheet HTML 45Page - National Semiconductor (TI) PC87372 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
42
www.national.com
Revision 1.2
3.7.5
SuperI/O Revision ID Register (SRID)
This register contains the ID number of the specific family member (Chip ID) and the chip revision number (Chip Rev). The
PC87372 is identified by the value ‘000’. The Chip Rev is incremented on each revision.
Power Well: VSB3
Location:
Index 27h
Type:
RO
3
R/W or
RO
SERDIS (Serial Port Disable). When set to 1, this bit forces the Serial Port module to be disabled (and
its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
2
−
Reserved.
1
R/W or
RO
PARPDIS (Parallel Port Disable). When set to 1, this bit forces the Parallel Port module to be disabled
(and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
0
R/W or
RO
FDCDIS (Floppy Disk Controller Disable). When set to 1, this bit forces the Floppy Disk Controller
module to be disabled (and its resources released) regardless of the actual setting of its Activation bit
(index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
Bit
76543210
Name
Chip ID
Chip Rev
Reset
0
0
0
XXXXX
Bit
Description
7-5
Chip ID. These bits identify a specific device of a family.
4-0
Chip Rev. These bits identify the device revision.
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com