Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 91Page - National Semiconductor (TI) PC87372 Datasheet HTML 92Page - National Semiconductor (TI) PC87372 Datasheet HTML 93Page - National Semiconductor (TI) PC87372 Datasheet HTML 94Page - National Semiconductor (TI) PC87372 Datasheet HTML 95Page - National Semiconductor (TI) PC87372 Datasheet HTML 96Page - National Semiconductor (TI) PC87372 Datasheet HTML 97Page - National Semiconductor (TI) PC87372 Datasheet HTML 98Page - National Semiconductor (TI) PC87372 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 144 page
background image
95
www.national.com
Revision 1.2
7.0
Fan Speed Monitor
This chapter describes a generic Fan Speed Monitor unit. One or more Fan Speed Monitor units are included in the Fan
Speed Monitor (FSM) module. For the implementation used in this device, see Section 3.14.1 on page 60.
7.1 OVERVIEW
The Fan Speed Monitor measures the fan speed by measuring the time between consecutive “active” tachometer pulses
(obtained from the tachometer pulses generated by the fan). The FSM provides to the system a current speed reading; it
can also alert the system by interrupt whenever the speed drops below a programmable threshold. The FSM indicates
whether the speed is just below the threshold or low enough to consider the fan stopped (i.e., inefficient fan operation).
Figure 17 shows the basic system configuration of the Fan Speed Monitor.
Figure 17. Fan Speed Monitor - System Configuration
7.2 FUNCTIONAL DESCRIPTION
The fan generates a tachometer pulse every half or full revolution (depending on the fan type). These pulses are fed into the
Fan Speed Monitor through the FANTACH input pin.
The FANTACH pin has a Schmitt Trigger input buffer. In addition, the FANTACH signal passes through a digital filter, which
ignores any tachometer pulses shorter than 750
µs. This filter can be enabled by setting FILTER_DIS bit in FMCSR register
to 0.
Speed monitoring is based on measuring the time between tachometer pulses generated by the fan. The Fan Speed Monitor
measures the time for a full fan revolution. Since fans generate one or two tachometer pulses per revolution (depending on
the fan type), the incoming pulses at the FANTACH pin are either used directly or are divided by 2 to produce the active
tachometer pulses. These active pulses eventually control the fan speed counter. Incoming tachometer pulse decimation is
controlled by TPPR bit in FMCSR register.
The fan speed measured by the counter during a full fan revolution is stored as a 16-bit FAN_SPD value, where
FAN_SPD_HIGH is the high byte and FAN_SPD_LOW is the low byte. The rotational speed of the fan is calculated accord-
ing to the following relationship:
Rotational Speed of Fan (in RPM) =
The Fan Speed Monitor consists of a 16-bit counter, which measures the fan speed, and two 16-bit registers, FAN_SPD,
which holds the current fan speed value, and THRSH, which holds the threshold value. The 16-bit THRSH value is com-
posed of THRSH_HIGH (the high byte) and THRSH_LOW (the low byte). Figure 18 is a simplified diagram of the Fan Speed
Monitor.
The Up Counter and the FAN_SPD data are cleared to 0 when the Fan Speed Monitor is disabled.
When the Fan Speed Monitor is enabled (by FANMON_EN bit in FSMCF register; see Section 3.14.3 on page 61) and there
is no counter overflow, the Up Counter, which is clocked by a 32.000 KHz internal clock, increments by 1. Starting from the
second active FANTACH pulse (after activation) and on every subsequent active FANTACH pulse, the FAN_SPD data is
updated with the contents of the counter, the counter is cleared to 0 and SPD_RDY bit in FMCSR register is set to 1.
The above operation continually repeats itself, updating the current speed value as long as the FAN_SPD value is less than
or equal to the THRSH value.
When the FAN_SPD value exceeds the THRSH value, OVR_THR bit in FMCSR register is set to 1. An interrupt is also as-
serted if IRQ_EN bit in FMCSR register is set to 1 (i.e., interrupt is enabled). After OVR_THR bit is set, the FAN_SPD data
is no longer updated with new values from the Up Counter. A new value is loaded into FAN_SPD data only after OVR_THR
bit is cleared by writing 1. This guarantees that the FAN_SPD value that generated the interrupt remains available for the
interrupt handler.
If the Up Counter exceeds FFFFh, OVFLOW bit in FMCSR register is set to 1, the FAN_SPD data is set to FFFFh, and the
interrupt is asserted (if enabled). The FAN_SPD data continues to be updated with new values from the Up Counter.
OVFLOW bit is cleared to 0 when 1 is written to it.
Fan Speed
FANTACH
Fan
Tachometer Pulse
Filtering
Circuit
Monitor
(optional)
60 *
32000
FAN_SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com