Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 44Page - National Semiconductor (TI) PC87372 Datasheet HTML 45Page - National Semiconductor (TI) PC87372 Datasheet HTML 46Page - National Semiconductor (TI) PC87372 Datasheet HTML 47Page - National Semiconductor (TI) PC87372 Datasheet HTML 48Page - National Semiconductor (TI) PC87372 Datasheet HTML 49Page - National Semiconductor (TI) PC87372 Datasheet HTML 50Page - National Semiconductor (TI) PC87372 Datasheet HTML 51Page - National Semiconductor (TI) PC87372 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
48
www.national.com
Revision 1.2
3.9.3
Parallel Port Standard Configuration Register
This register is reset to F2h.
Power Well: VDD3
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Parallel Port Mode Select
Extended
Register
Access
Reserved
Power
Mode
Control
TRI-STATE
Control
Reset
11110010
Bit
Description
7-5
Parallel Port Mode Select. The mode selected by writing to these bits, is reflected by bits 3-0 in the Parallel
Port Modified Configuration Register (see Section 3.9.4 on page 49).
Bits
7 6 5
Mode
0 0 0:
SPP-Compatible mode. PD7-0 are always output signals
0 0 1:
SPP Extended mode. PD7-0 direction is controlled by software
0 1 0:
EPP 1.7 mode
0 1 1:
EPP 1.9 mode
1 0 0:
ECP mode (IEEE1284 register set), with no support for EPP mode
1 0 1:
Reserved
1 1 0:
Reserved
1 1 1:
ECP mode (IEEE1284 register set), with EPP mode selectable as mode “100” (default)
Selection of EPP 1.7 or 1.9 in ECP mode “100” is controlled by bit 4 of the Control2 configuration register of
the Parallel Port at offset 02h.
Note: Before setting bits 7-5, enable the Parallel Port and set CTR/DCR (at base address + 2) to C4h.
4
Extended Register Access.
0: Registers at base (address) + 403h, base + 404h and base + 405h are not accessible (reads and writes are
ignored)
1: Registers at base (address) + 403h, base + 404h and base + 405h are accessible. This option supports runtime
configuration within the Parallel Port address space (default).
3-2
Reserved.
1
Power Mode Control. When the logical device is active:
0: Parallel Port clock disabled. ECP modes and EPP time-out are not functional when the logical device is active.
Registers are maintained.
1: Parallel Port clock enabled. All operation modes are functional when the logical device is active (default).
0
TRI-STATE Control. When this bit is set to 1 and the logical device is inactive, the logical device output pins
are in TRI-STATE (see Section 3.3.2 on page 37).
0: Normal outputs (default)
1: TRI-STATE outputs when the logical device is inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com