Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 22Page - National Semiconductor (TI) PC87372 Datasheet HTML 23Page - National Semiconductor (TI) PC87372 Datasheet HTML 24Page - National Semiconductor (TI) PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) PC87372 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
2.0 Power, Reset and Clocks (Continued)
26
www.national.com
Revision 1.2
Figure 2. Decoupling Capacitors Connection
2.2 RESET SOURCES AND TYPES
The PC87372 device has four reset sources:
V
SB Power-Up Reset - activated when VSB3 is powered up.
V
DD Power-Up Reset - activated when VDD3 is powered up.
Hardware Reset - activated when the PCI_RESET input is asserted (low).
Software Reset - triggered by SWRST bit in SIOCF1 register (see Section 3.7.2 on page 40); SWRST bit is set by the
host through the LPC interface.
Unless otherwise noted, reset references throughout the modules of the PC87372 devices default to the following resets:
q
For VSB3-powered functions (GPIO ports, SWC, Glue Functions and some Configuration Control): VSB Power-Up re-
set (within the limitations described in Section 2.2.1).
q
For VDD3-powered functions (Legacy modules, LPC, on-chip Clock Generator, FSM and some Configuration Control):
VDD Power-Up reset, Hardware Reset or Software Reset (within the limitations described in Sections 2.2.2, 2.2.3 and
2.2.4).
The following sections detail the sources and effects of the various PC87372 resets.
2.2.1
VSB Power-Up Reset
VSB Power-Up reset is generated by an internal circuit when VSB3 power is applied. The VSB Power-Up reset time (tIRST)
lasts either 17 cycles of the 32 KHz clock domain or until the PCI_RESET signal is de-asserted, whichever occurs first. Ex-
ternal devices must wait at least tIRST before accessing the PC87372 device.
Note that the 32 KHz clock domain starts toggling t32KW +t32KVAL after VSB3 power-up. This delay must be added to the 17
clock cycles (see Low-Frequency Clock Timing on page 132).
VSB Power-Up reset performs the actions listed below and all the actions performed by VDD Power-Up reset (see Section
2.2.2). Note that VDD3 must be active during VSB3 power-up for all VDD Power-Up reset actions to be performed:
Resets all lock bits in configuration registers and SWC
Loads default values to VDDLOAD bits in the GPIO configuration registers
Loads default values to the V
SB3-powered bits in the configuration registers, SWC and GPIO
Sets up the pull-up option and the default source for the V
SB3-powered multiplexed output pins
VDD3
PC87372
0.1
µF
8
6
0.1
µF
29
31
0.1
µF
46
49
0.1
µF
58
60
VSS
VDD3
VDD3
VDD3
VSS
VSS
VSS
+
10-47
µF
Main 3.3V
VSB3
VSS
VSB3
VSB3
VSS
VSS
0.1
µF
78
76
0.1
µF
96
93
0.1
µF
110
107
+
10-47
µF
Standby 3.3V
1
µF
97
VCORF
VSB5
0.1
µF
71
Standby 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com