Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 76Page - National Semiconductor (TI) PC87372 Datasheet HTML 77Page - National Semiconductor (TI) PC87372 Datasheet HTML 78Page - National Semiconductor (TI) PC87372 Datasheet HTML 79Page - National Semiconductor (TI) PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) PC87372 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
80
www.national.com
Revision 1.2
6.3.4
Advanced LED Control Register (ALEDCTL)
This register configures the advanced LED control of the two LEDs connected to pins GRN_LED and YLW_LED of the
PC87372 device. It is reset to 00h.
Power Well: VSB3
Location:
Offset 02h, when LED_OPT = 0 in the SWC_CTL register
Type:
R/W or RO
Bit
76
5
43210
Name
Reserved
LEDCFG
LEDPOL
Reserved
LEDMOD
Reset
0
0
0
00000
Bit
Description
7-6
Reserved.
5
LEDCFG (LED Configuration). This bit enables the use of either two regular LEDs, connected to the
GRN_LED and YLW_LED pins or one dual-colored LED, connected between the two pins (see Figure 16 on
page 75).
0: One dual-colored LED (default)
1: Two regular LEDs
4
LEDPOL (LED Polarity). This bit determines the polarity of GRN_LED and YLW_LED outputs. An active output,
according to this bit setting, turns the LED on. For the dual-colored LED configuration, changing the polarity
reverses the LED colors. The configurations described here apply to the “two regular LEDs” option only; see
Table 29 on page 76).
0: Active high: for connection configuration “b” in Figure 16 on page 75 (default)
1: Active low: for connection configuration “a” in Figure 16 on page 75
3-2
Reserved.
1-0
LEDMOD (LED Operation Mode). These bits control the operation mode of GRN_LED and YLW_LED in each
power state. Table 32 shows the behavior of the two LED outputs as a function of the system power state.
Table 32. GRN_LED and YLW_LED as a Function of the Power State
LEDMOD
VDD3 Off
1
1. See Section 2.1.2 on page 24.
VDD3 On
1
State S52
2. See Section 6.2.3 on page 74.
State S32
States S0 - S22
GRN_LED
YLW_LED
00 (default)
X3
3. In this table, X is “Irrelevant”.
XXX
X
S/W_GRN4
4. Controlled by the value of GRNBLNK in the LEDBLNK register.
S/W_YLW5
5. Controlled by the value of YLWBLNK in the LEDBLNK register.
01
Yes
X
X
X
S/W_GRN
Blink6
6. Blink rate is 1 Hz with a duty cycle of 50%.
Yes
X
X
X
S/W_GRN
S/W_YLW
10
X
X
Yes
Off
Off
X
X
Yes
S/W_GRN
S/W_YLW
X
X
Yes
S/W_GRN
S/W_YLW
11
Yes
X
X
X
Off
Off
Yes
X
X
X
S/W_GRN
S/W_YLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com