Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 36Page - National Semiconductor (TI) PC87372 Datasheet HTML 37Page - National Semiconductor (TI) PC87372 Datasheet HTML 38Page - National Semiconductor (TI) PC87372 Datasheet HTML 39Page - National Semiconductor (TI) PC87372 Datasheet HTML 40Page - National Semiconductor (TI) PC87372 Datasheet HTML 41Page - National Semiconductor (TI) PC87372 Datasheet HTML 42Page - National Semiconductor (TI) PC87372 Datasheet HTML 43Page - National Semiconductor (TI) PC87372 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
40
www.national.com
Revision 1.2
3.7.2
SuperI/O Configuration 1 Register (SIOCF1)
Power Well: VDD3
Location:
Index 21h
Type:
Varies per bit
Bit
76
5
43210
Name
LOCKMCF
LOCKGCF Reserved (must be ‘01’)
IOWAIT
SWRST
GLOBEN
Reset
0
0
0
10001
Bit
Type
Description
7
R/W1S LOCKMCF (Lock Multiplexing Configuration). When set to 1, this bit locks the configuration of
registers SIOCF1 and SIOCF2 by disabling writing to all bits in these registers (including the LOCKMCF
bit itself), except for the LOCKGCF, SWRST and GLOBEN bits in SIOCF1. Once set, this bit can be
cleared by VDD3 Power-Up reset (or Hardware reset).
0: R/W bits are enabled for write (default)
1: All bits are RO
6
R/W1S LOCKGCF (Lock GPIO Pins Configuration). When set to 1, this bit locks the configuration registers
of all GPIO pins (see Section 3.13.2 on page 56) by disabling writes to all their bits (including the
LOCKGCF bit itself). The locked registers include the GPCFG1 (except LOCKCFP bit), GPEVR,
GPCFG2 and GPMODE registers of all GPIO pins. Once set, this bit can be cleared by VDD3 Power-
Up reset (or Hardware reset).
0: R/W bits are enabled for write (default)
1: All bits are RO
5-4
−
Reserved. These bits must be ‘01’.
3-2
R/W or
RO
IOWAIT (Number of I/O Wait States). These bits set the number of wait states for I/O transactions
through the LPC bus.
Bits
3 2
Number of Wait States
0 0:
0 (default)
0 1:
2
1 0:
6
1 1:
12
1
R/W
SWRST (Software Reset). When set to 1, this bit triggers the Software reset sequence (see Section
2.2.4 on page 27), after which it returns to 0. Read always returns 0. This bit is not influenced by the
value of LOCKMCF.
0: Inactive (default)
1: Trigger the Software reset sequence
0
R/W or
RO
GLOBEN (Global Device Enable). This bit makes it possible to disable all logical devices by setting a
single bit (to 0). In addition, when the bit is set to 1, it enables the operation of all the logical devices
of the PC87372, as long as the logical device is itself enabled (see Table 8 on page 31). The behavior
of the different devices is explained in Section 3.3 on page 36.
0: All logical devices in the PC87372 device are forced to be disabled and their resources are released.
1: Enables each PC87372 logical device that is itself enabled (default); see Section 3.3.1 on page 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com