Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 73Page - National Semiconductor (TI) PC87372 Datasheet HTML 74Page - National Semiconductor (TI) PC87372 Datasheet HTML 75Page - National Semiconductor (TI) PC87372 Datasheet HTML 76Page - National Semiconductor (TI) PC87372 Datasheet HTML 77Page - National Semiconductor (TI) PC87372 Datasheet HTML 78Page - National Semiconductor (TI) PC87372 Datasheet HTML 79Page - National Semiconductor (TI) PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
77
www.national.com
Revision 1.2
6.3 SWC REGISTERS
The offsets of the SWC registers are related to the base address determined by the SWC Base Address register at indexes
60h-61h in the SWC Logical Device configuration.
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from register (data written to this address is sent to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
6.3.1
SWC Register Map
The following table lists the SWC registers. For the SWC register bitmap, see Section 6.5 on page 93. The SWC registers
are VSB3 powered.
Table 30. SWC Register Map
Offset
Option1
1. Selected by LED_OPT bit in SWC_CTL register.
Mnemonic
Register Name
Type
Power Well
Section
00h
LED_OPT = 1
SLEDCTL
Standard LED Control
R/W or RO
VSB3
6.3.2
LED_OPT = 0
Reserved
01h
SWC_CTL
SWC Miscellaneous Control
Varies per bit
VSB3
6.3.3
02h
LED_OPT = 1
Reserved
LED_OPT = 0
ALEDCTL
Advanced LED Control
R/W or RO
VSB3
6.3.4
03h
LED_OPT = 1
Reserved
LED_OPT = 0
LEDBLNK
LED Blinking Control
R/W or RO
VSB3
6.3.5
04h
KBDWKCTL
Keyboard Wake-Up Control
R/W or RO
VSB3
6.3.6
05h
PS2CTL
PS2 Protocol Control
R/W or RO
VSB3
6.3.7
06h
KDSR
Keyboard Data Shift-Register
RO
VSB3
6.3.8
07h
MDSR
Mouse Data Shift-Register
RO
VSB3
6.3.9
08h
PS2KEY0
PS2 Keyboard Key Data 0
R/W, RO
VSB3
6.3.10
09h
PS2KEY1
PS2 Keyboard Key Data 1
R/W, RO
VSB3
6.3.10
0Ah
PS2KEY2
PS2 Keyboard Key Data 2
R/W, RO
VSB3
6.3.10
0Bh
PS2KEY3
PS2 Keyboard Key Data 3
R/W, RO
VSB3
6.3.10
0Ch
PS2KEY4
PS2 Keyboard Key Data 4
R/W, RO
VSB3
6.3.10
0Dh
PS2KEY5
PS2 Keyboard Key Data 5
R/W, RO
VSB3
6.3.10
0Eh
PS2KEY6
PS2 Keyboard Key Data 6
R/W, RO
VSB3
6.3.10
0Fh
PS2KEY7
PS2 Keyboard Key Data 7
R/W, RO
VSB3
6.3.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com