Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 75Page - National Semiconductor (TI) PC87372 Datasheet HTML 76Page - National Semiconductor (TI) PC87372 Datasheet HTML 77Page - National Semiconductor (TI) PC87372 Datasheet HTML 78Page - National Semiconductor (TI) PC87372 Datasheet HTML 79Page - National Semiconductor (TI) PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
79
www.national.com
Revision 1.2
6.3.3
SWC Miscellaneous Control Register (SWC_CTL)
This register contains control and status bits for the SWC module. It is reset to 01h.
Power Well: VSB3
Location:
Offset 01h
Type:
Varies per bit
Bit
76
5
43210
Name
LOCKSCF
Reserved
LED_OPT
Reset
0
0
0
00001
Bit
Type
Description
7
R/W1S LOCKSCF (Lock SWC Configuration). When set to 1, this bit locks the BLINK and GRN_YLW bits in
SLEDCTL register, and all bits of SWC_CTL, ALEDCTL, LEDBLNK, KBDWKCTL, PS2CTL and
PS2KEY0
−7 registers by disabling writing to them (including to the LOCKSCF bit itself). Once set, this
bit can be cleared by VDD3 Power-Up reset (or Hardware reset).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-1
Reserved.
0
R/W or
RO
LED_OPT (LED Control Option Select). Selects either the Standard or the Advanced LED control
option for the two power LEDs.
0: Advanced: LEDs controlled by the ALEDCTL and LEDBLNK registers at offsets 02h and 03h, respec-
tively
1: Standard: LEDs controlled by the SLEDCTL register at offset 00h (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com